Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4695 Datasheet(PDF) 1 Page - General Semiconductor

Part # 1N4695
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

1N4695 Datasheet(HTML) 1 Page - General Semiconductor

  1N4695 Datasheet HTML 1Page - General Semiconductor 1N4695 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SYMBOL
MIN.
MAX.
UNIT
Thermal Resistance
R
ΘJA
300(1)
°C/W
Junction to Ambient Air
Forward Voltage
VF
1.5
Volts
at IF = 100 mA
SYMBOL
VALUE
UNIT
Zener Current (see Table “Characteristics”)
Power Dissipation at TL = 75°C, 3/8” from case
Ptot
500
mW
Maximum Junction Temperature
Tj
175
°C
Storage Temperature Range
TS
– 65 to +175
°C
12/2/98
FEATURES
♦ Silicon Planar Zener Diodes
♦ Standard Zener voltage tolerance is ± 5%.
Other tolerances are available
upon request.
♦ High temperature soldering guaranteed:
250°C/10 seconds, 0.375” (9.5mm) lead length.
♦ These diodes are also available in SOD-123 case
with the type designation MMSZ4681...MMSZ4717
and SOT-23 case with the type designation
MMBZ4681...MMBZ4717.
MECHANICAL DATA
Case: DO-35 Glass Case
Weight: approx. 0.13 g
Terminals: Solderable, per MIL-STD-750, method 2026.
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
1N4681 THRU 1N4717
ZENER DIODES
max. ∅
Cathode
.020 (0.52)
Mark
max. ∅.079 (2.0)
DO-35
Dimensions are in inches and (millimeters)
NOTES:
(1) Valid provided that leads at a distance of 3/8” mm from case are kept at ambient temperature.
ADVANCED INFORMATION


Similar Part No. - 1N4695

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4695 VISHAY-1N4695 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Digitron Semiconductors
1N4695 DIGITRON-1N4695 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
Compensated Deuices Inc...
1N4695 CDI-DIODE-1N4695 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Micro Commercial Compon...
1N4695 MCC-1N4695 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4695 KNOX-1N4695 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
More results

Similar Description - 1N4695

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com