Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

464273 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 464273
Description  Messerleiste mit Schirmung
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

464273 Datasheet(HTML) 1 Page - ERNI Electronics

  464273 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCHNITT A-A
für O-Ring 14x1
for sealing-ring 14x1
M 12x1
9,55
CuZn
464272
galv. Ni
mit Dichtringfläche, für Abstand 9 mm / distance 9 mm
Ident.-Nr.:
Oberfläche
Bemerkung
M 14x1
A
A
prior notice.
contact one of the ERNI companies
Date
Index
MRDEZT
Messerleiste mit Schirmung
M12 Gehäuseteil für
464273
2:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A4
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
R9,5


Similar Part No. - 464273

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4642700 TURCK-4642700 Datasheet
399Kb / 3P
   Inductive Sensor
11/07/2023
More results

Similar Description - 464273

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224813 ERNI-224813 Datasheet
61Kb / 1P
   Messerleiste M8
100103210160 ERNI-100103210160 Datasheet
95Kb / 1P
   Messerleiste C96 Lot
100603210135 ERNI-100603210135 Datasheet
47Kb / 1P
   Messerleiste H15 Lot
100603210089 ERNI-100603210089 Datasheet
213Kb / 1P
   ERmet Messerleiste B822
100203210058 ERNI-100203210058 Datasheet
151Kb / 1P
   ERmet Messerleiste A
100200180001 ERNI-100200180001 Datasheet
246Kb / 1P
   ERMET MESSERLEISTE M
100100760004 ERNI-100100760004 Datasheet
124Kb / 1P
   ERmet Messerleiste C
100101870001 ERNI-100101870001 Datasheet
148Kb / 1P
   ERmet Messerleiste A
114540 ERNI-114540 Datasheet
90Kb / 1P
   ERmet Messerleiste B
223980 ERNI-223980 Datasheet
86Kb / 1P
   ERmet Messerleiste C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com