Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS0024 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RS0024
Description  Schottky Silicon Carbide Centertap Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0024 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RS0024 Datasheet HTML 1Page - Solid States Devices, Inc RS0024 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
World’s First Silicon Carbide
Centertap Rectifier
SSR40C30CT Series
Electrical Characteristic (Per Leg)
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(Tj = 25ºC, 300 – 500 µsec pulse)
If = 10A
If = 20A
Vf1
Vf2
---
---
1.25
1.57
1.35
1.70
Volts
Instantaneous Forward Voltage Drop
(Tj = 150ºC, 300 – 500 µsec pulse)
If = 10A
If = 20A
Vf3
Vf4
---
---
1.22
1.55
1.30
1.80
Volts
Instantaneous Forward Voltage Drop
(Tj = -55ºC, 300 – 500 µsec pulse)
If = 10A
If = 20A
Vf5
Vf6
---
---
1.35
1.60
1.45
1.75
Volts
Reverse Leakage Current
(Vr = Rated Vr, Tj = 25ºC, 300 µsec min pulse)
Ir1
---
50
200
µA
Reverse Leakage Current
(Vr = Rated Vr, Tj = 150ºC, 300 µsec min pulse)
Ir2
---
200
500
µA
Junction Capacitance
(Vr=10 Vdc, Tc=25ºC, f=1MHz)
Cj
---
700
1000
pF
Total Capacitive Charge
(VR = 400V, IF = 5A, di/dt = 200A/µs, TJ = 150ºC)
Qc
---
26
---
nC
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ For Package Outlines Contact Factory.
3/ All Electrical Characteristics @25oC Unless Otherwise Specified.
4/ If High Temperature Operation is Desired (> 175oC) Consult Factory for Soldering Consideration.
Available Part Numbers:
SSR40C20CTS.5
SSR40C20CTG SSR40C20CTM
SSR40C30CTS.5
SSR40C30CTG SSR40C30CTM
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3 (Tab)
SMD .5 (S.5)
Cathode
Anode
Anode
Cerpack (G)
Anode
Anode
Cathode
TO-254 (M)
Anode
Cathode
Anode


Similar Part No. - RS0024

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0024 SSDI-RS0024_15 Datasheet
146Kb / 2P
   Schottky Silicon Carbide Centertap Rectifier
More results

Similar Description - RS0024

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0082A SSDI-SH0082A_15 Datasheet
146Kb / 3P
   SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
RC0140B SSDI-RC0140B Datasheet
74Kb / 2P
   SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
RS0028E SSDI-RS0028E Datasheet
131Kb / 3P
   Schottky Silicon Carbide Centertap Rectifier
SH0029E SSDI-SH0029E_15 Datasheet
106Kb / 2P
   Schottky Silicon Carbide Centertap Rectifier
SSR24C60CT SSDI-SSR24C60CT_1 Datasheet
72Kb / 2P
   Schottky Silicon Carbide Centertap Rectifier
SSR50C60CT SSDI-SSR50C60CT Datasheet
74Kb / 2P
   SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
RS0022 SSDI-RS0022 Datasheet
144Kb / 2P
   Schottky Silicon Carbide Centertap Rectifier
RS0022 SSDI-RS0022_15 Datasheet
144Kb / 2P
   Schottky Silicon Carbide Centertap Rectifier
RS0028E SSDI-RS0028E_15 Datasheet
131Kb / 3P
   Schottky Silicon Carbide Centertap Rectifier
RS0020J SSDI-RS0020J_15 Datasheet
115Kb / 3P
   Schottky Silicon Carbide Centertap Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com