Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29LV400TC-12PBT Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MBM29LV400TC-12PBT
Description  4M (512K X 8/256K X 16) BIT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV400TC-12PBT Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MBM29LV400TC-12PBT Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV400TC-12PBT Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV400TC-12PBT Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV400TC-12PBT Datasheet HTML 9Page - Fujitsu Component Limited. MBM29LV400TC-12PBT Datasheet HTML 10Page - Fujitsu Component Limited. MBM29LV400TC-12PBT Datasheet HTML 11Page - Fujitsu Component Limited. MBM29LV400TC-12PBT Datasheet HTML 12Page - Fujitsu Component Limited. MBM29LV400TC-12PBT Datasheet HTML 13Page - Fujitsu Component Limited. MBM29LV400TC-12PBT Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
MBM29LV400TC-70/-90/-12/MBM29LV400BC-70/-90/-12
10
s ORDERING INFORMATION
Standard Products
Fujitsu standard products are available in several packages. The order number is formed by a combination of:
MBM29LV400
T
C
-70
PFTN
DEVICE NUMBER/DESCRIPTION
MBM29LV400
4Mega-bit (512K
× 8-Bit or 256K × 16-Bit) CMOS Flash Memory
3.0 V-only Read, Program, and Erase
PACKAGE TYPE
PFTN = 48-Pin Thin Small Outline Package
(TSOP) Standard Pinout
PFTR = 48-Pin Thin Small Outline Package
(TSOP) Reverse Pinout
PF =
44-Pin Small Outline Package
PCV = 48-Pin C- leaded Small Outline
Package (CSOP)
PBT =
48-Ball Fine Pitch Ball Grid Array
Package (FBGA)
SPEED OPTION
See Product Selector Guide
Device Revision
BOOT CODE SECTOR ARCHITECTURE
T = Top sector
B = Bottom sector


Similar Part No. - MBM29LV400TC-12PBT

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29LV400TC-55PBT SPANSION-MBM29LV400TC-55PBT Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29LV400TC-55PCV SPANSION-MBM29LV400TC-55PCV Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29LV400TC-55PF SPANSION-MBM29LV400TC-55PF Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29LV400TC-55PFTN SPANSION-MBM29LV400TC-55PFTN Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
More results

Similar Description - MBM29LV400TC-12PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
   4M (512K X 8) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
   4M (512K X 8) BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com