Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7395-4 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7395-4
Description  4 dB Fixed Attenuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7395-4 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7395-4 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7395-4 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7395-4 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connectors
Description
Connector 1
Connector 2
Type
2.92mm Male
2.92mm Female
Connector Specification
MIL-C-39012
MIL-C-39012
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Contact Plating Specification
1.3µm
Coupling Nut Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
• VSWR: Typical is 1.4:1, 1.6:1 is Max.
PE7395-4
PE7395-4 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body
Rated To 2 Watts Up To 40 GHz PE7395-4
4 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female
Passivated Stainless Steel Body Rated To 2 Watts Up To 40 GHz


Similar Part No. - PE7395-4

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7395-0 PASTERNACK-PE7395-0 Datasheet
206Kb / 3P
   0 dB Fixed Attenuator
PE7395-1 PASTERNACK-PE7395-1 Datasheet
206Kb / 3P
   1 dB Fixed Attenuator
PE7395-10 PASTERNACK-PE7395-10 Datasheet
206Kb / 3P
   10 dB Fixed Attenuator
PE7395-12 PASTERNACK-PE7395-12 Datasheet
206Kb / 3P
   90 dB High Isolation SPDT PIN Diode Switch
PE7395-15 PASTERNACK-PE7395-15 Datasheet
206Kb / 3P
   15 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female
More results

Similar Description - PE7395-4

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7042-30 PASTERNACK-PE7042-30_16 Datasheet
203Kb / 3P
   30 dB Fixed Attenuator
PE7395-5 PASTERNACK-PE7395-5 Datasheet
206Kb / 3P
   5 dB Fixed Attenuator
PE7395-7 PASTERNACK-PE7395-7 Datasheet
206Kb / 3P
   7 dB Fixed Attenuator
PE7395-10 PASTERNACK-PE7395-10 Datasheet
206Kb / 3P
   10 dB Fixed Attenuator
PE7395-0 PASTERNACK-PE7395-0 Datasheet
206Kb / 3P
   0 dB Fixed Attenuator
PE7395-6 PASTERNACK-PE7395-6 Datasheet
206Kb / 3P
   6 dB Fixed Attenuator
PE7395-1 PASTERNACK-PE7395-1 Datasheet
206Kb / 3P
   1 dB Fixed Attenuator
PE7395-3 PASTERNACK-PE7395-3 Datasheet
206Kb / 3P
   3 dB Fixed Attenuator
PE7395-8 PASTERNACK-PE7395-8 Datasheet
207Kb / 3P
   8 dB Fixed Attenuator
PE7395-9 PASTERNACK-PE7395-9 Datasheet
206Kb / 3P
   9 dB Fixed Attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com