Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE6214 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6214
Description  Medium Power 50 Watts RF Load Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6214 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6214 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6214 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6214 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Female
Connector Specification
MIL-STD-348
Heat Sink
Black Anodized Aluminum Heatsink
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.6:1
Maximum Input Power, Watts
50
Peak Power, Watts
500
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.3:1
Frequency 2
Frequency, GHz
6 to 12.4
VSWR
1.45:1
Frequency 3
Frequency, GHz
12.4 to 18
VSWR
1.6:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +125
.
Color
Black
Connector
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6214
PE6214 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Medium Power 50 Watts RF Load Up To 18 GHz With N Female Input Square Body Black
Anodized Aluminum Heatsink
PE6214
Medium Power 50 Watts RF Load Up To 18 GHz With N Female
Input Square Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6214

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6210 PASTERNACK-PE6210 Datasheet
250Kb / 3P
   Medium Power 25 Watts RF Load Up To 8 GHz With 7/16 DIN Female input
PE6211 PASTERNACK-PE6211 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6211 PASTERNACK-PE6211 Datasheet
376Kb / 2P
   50 Watt RF Load Up To 18 GHz With SMA Male Input
PE6211 PASTERNACK-PE6211_15 Datasheet
376Kb / 2P
   50 Watt RF Load Up To 18 GHz With SMA Male Input
PE6212 PASTERNACK-PE6212 Datasheet
249Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz With SMA
More results

Similar Description - PE6214

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6213 PASTERNACK-PE6213 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz
PE6215 PASTERNACK-PE6215 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz
PE6211 PASTERNACK-PE6211 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6216 PASTERNACK-PE6216 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz With TNC
PE6212 PASTERNACK-PE6212 Datasheet
249Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6203 PASTERNACK-PE6203 Datasheet
249Kb / 3P
   Medium Power 25 Watts RF Load Up To 18 GHz
PE6204 PASTERNACK-PE6204 Datasheet
249Kb / 3P
   Medium Power 25 Watts RF Load Up To 18 GHz
PE6169 PASTERNACK-PE6169 Datasheet
178Kb / 3P
   Medium Power 50 Watts RF Load Up To 4 GHz
PE6112 PASTERNACK-PE6112_14 Datasheet
179Kb / 2P
   Medium Power 50 Watts RF Load Up To 7 GHz
PE6167 PASTERNACK-PE6167_14 Datasheet
206Kb / 3P
   Medium Power 50 Watts RF Load Up To 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com