Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE6214 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE6214
Description  Medium Power 50 Watts RF Load Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6214 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE6214 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6214 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6214 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2014 Pasternack Enterprises All Rights Reserved
PE6214 REV 1.1
Medium Power 50 Watts RF Load Up To 18 GHz With N Female Input
Square Body Black Anodized Aluminum Heatsink
PE6214 CAD Drawing


Similar Part No. - PE6214

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6210 PASTERNACK-PE6210 Datasheet
250Kb / 3P
   Medium Power 25 Watts RF Load Up To 8 GHz With 7/16 DIN Female input
PE6211 PASTERNACK-PE6211 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6211 PASTERNACK-PE6211 Datasheet
376Kb / 2P
   50 Watt RF Load Up To 18 GHz With SMA Male Input
PE6211 PASTERNACK-PE6211_15 Datasheet
376Kb / 2P
   50 Watt RF Load Up To 18 GHz With SMA Male Input
PE6212 PASTERNACK-PE6212 Datasheet
249Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz With SMA
More results

Similar Description - PE6214

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6213 PASTERNACK-PE6213 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz
PE6215 PASTERNACK-PE6215 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz
PE6211 PASTERNACK-PE6211 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6216 PASTERNACK-PE6216 Datasheet
250Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz With TNC
PE6212 PASTERNACK-PE6212 Datasheet
249Kb / 3P
   Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6203 PASTERNACK-PE6203 Datasheet
249Kb / 3P
   Medium Power 25 Watts RF Load Up To 18 GHz
PE6204 PASTERNACK-PE6204 Datasheet
249Kb / 3P
   Medium Power 25 Watts RF Load Up To 18 GHz
PE6169 PASTERNACK-PE6169 Datasheet
178Kb / 3P
   Medium Power 50 Watts RF Load Up To 4 GHz
PE6112 PASTERNACK-PE6112_14 Datasheet
179Kb / 2P
   Medium Power 50 Watts RF Load Up To 7 GHz
PE6167 PASTERNACK-PE6167_14 Datasheet
206Kb / 3P
   Medium Power 50 Watts RF Load Up To 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com