Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29LV400BC-90PCV Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MBM29LV400BC-90PCV
Description  4M (512K X 8/256K X 16) BIT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV400BC-90PCV Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MBM29LV400BC-90PCV Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV400BC-90PCV Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV400BC-90PCV Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV400BC-90PCV Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV400BC-90PCV Datasheet HTML 9Page - Fujitsu Component Limited. MBM29LV400BC-90PCV Datasheet HTML 10Page - Fujitsu Component Limited. MBM29LV400BC-90PCV Datasheet HTML 11Page - Fujitsu Component Limited. MBM29LV400BC-90PCV Datasheet HTML 12Page - Fujitsu Component Limited. MBM29LV400BC-90PCV Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
9
MBM29LV400TC-70/-90/-12/MBM29LV400BC-70/-90/-12
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse input. See DC Characteristics for voltage levels.
Notes: 1. Manufacturer and device codes may also be accessed via a command register write sequence. See
Table 7.
2. Refer to the section on Sector Protection.
3. WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
4. VCC = 3.3 V ± 10%
5. It is also used for the extended sector protection.
Table 2
MBM29LV400TC/400BC User Bus Operations (BYTE = VIH)
Operation
CE
OE
WE
A0
A1
A6
A9
DQ0 to DQ15
RESET
Auto-Select Manufacturer Code (1)
L
L
H
L
L
L
VID
Code
H
Auto-Select Device Code (1)
L
L
H
H
L
L
VID
Code
H
Read (3)
L
L
H
A0
A1
A6
A9
DOUT
H
Standby
H
XXXXXX
HIGH-Z
H
Output Disable
L
H
H
XXXX
HIGH-Z
H
Write (Program/Erase)
L
H
L
A0
A1
A6
A9
DIN
H
Enable Sector Protection (2), (4)
L
VID
LHL
VID
XH
Verify Sector Protection (2), (4)
L
L
H
L
H
L
VID
Code
H
Temporary Sector Unprotection
XXXXXXX
X
VID
Reset (Hardware)/Standby
XXXXXXX
HIGH-Z
L
Table 3
MBM29LV400TC/400BC User Bus Operations (BYTE = VIL)
Operation
CE
OE
WE
DQ15/
A-1
A0
A1
A6
A9
DQ0 to DQ7 RESET
Auto-Select Manufacturer Code (1)
L
L
H
L
L
L
L
VID
Code
H
Auto-Select Device Code (1)
L
L
H
L
H
L
L
VID
Code
H
Read (3)
L
L
H
A-1
A0
A1
A6
A9
DOUT
H
Standby
H
X
X
X
XXXX
HIGH-Z
H
Output Disable
L
H
H
X
XXXX
HIGH-Z
H
Write (Program/Erase)
L
H
L
A-1
A0
A1
A6
A9
DIN
H
Enable Sector Protection (2), (4)
L
VID
LL
H
L
VID
XH
Verify Sector Protection (2), (4)
L
L
H
L
L
H
L
VID
Code
H
Temporary Sector Unprotection (5)
XXX
X
XXXX
X
VID
Reset (Hardware)/Standby
XXX
X
XXXX
HIGH-Z
L


Similar Part No. - MBM29LV400BC-90PCV

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400BC-90PCV SPANSION-MBM29LV400BC-90PCV Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
More results

Similar Description - MBM29LV400BC-90PCV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
   4M (512K X 8) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
   4M (512K X 8) BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com