Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM139JAN-SP Datasheet(PDF) 1 Page - Texas Instruments

Part # LM139JAN-SP
Description  LM139JAN Low Power Low Offset Voltage Quad Comparators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM139JAN-SP Datasheet(HTML) 1 Page - Texas Instruments

  LM139JAN-SP Datasheet HTML 1Page - Texas Instruments LM139JAN-SP Datasheet HTML 2Page - Texas Instruments LM139JAN-SP Datasheet HTML 3Page - Texas Instruments LM139JAN-SP Datasheet HTML 4Page - Texas Instruments LM139JAN-SP Datasheet HTML 5Page - Texas Instruments LM139JAN-SP Datasheet HTML 6Page - Texas Instruments LM139JAN-SP Datasheet HTML 7Page - Texas Instruments LM139JAN-SP Datasheet HTML 8Page - Texas Instruments LM139JAN-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM139JAN
www.ti.com
SNOSAJ7B – FEBRUARY 2005 – REVISED MARCH 2013
LM139JAN Low Power Low Offset Voltage Quad Comparators
Check for Samples: LM139JAN
1
FEATURES
DESCRIPTION
The LM139 consists of four independent precision
2
Wide Supply Voltage Range 5V to 36 VDCor
voltage
comparators
with
an
offset
voltage
±2.5V to ±18 VDC
specification as low as 2 mV max for all four
Very Low Supply Current Drain (0.8 mA) -
comparators. These were designed specifically to
Independent of Supply Voltage
operate from a single power supply over a wide range
of voltages. Operation from split power supplies is
Low Input Biasing Current: 25 nA
also possible and the low power supply current drain
Low Input Offset Current: ±5 nA
is independent of the magnitude of the power supply
Offset Voltage: ±3 mV
voltage. These comparators also have a unique
Input Common-Mode Voltage Range Includes
characteristic in that the input common-mode voltage
range includes ground, even though operated from a
GND
single power supply voltage.
Differential Input Voltage Range Equal to the
Power Supply Voltage
Application areas include limit comparators, simple
analog to digital converters; pulse, squarewave and
Low Output Saturation Voltage: 250 mV at 4
time delay generators; wide range VCO; MOS clock
mA
timers; multivibrators and high voltage digital logic
Output Voltage Compatible with TTL, DTL,
gates. The LM139 was designed to directly interface
ECL, MOS and CMOS Logic Systems
with TTL and CMOS. When operated from both plus
and minus power supplies, they will directly interface
ADVANTAGES
with MOS logic— where the low power drain of the
LM139
is
a
distinct
advantage
over
standard
High Precision Comparators
comparators.
Reduced VOS Drift Over Temperature
Eliminates Need for Dual Supplies
Allows Sensing Near GND
Compatible with All Forms of Logic
Power Drain Suitable for Battery Operation
Connection Diagrams
Figure 1. See Package Number NAD0014B
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM139JAN-SP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
More results

Similar Description - LM139JAN-SP

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com