Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A4002 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE15A4002
Description  Amplifier, 33 dB Gain, 39 dBm IP3, 6 dB NF, SMA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A4002 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A4002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A4002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A4002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A4002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A4002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A4002 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TECHNICAL DATA SHEET
Power Data
dB
dB
-40
-30
-20
-10
0
10
20
30
40
12 12.3 12.6 12.9 13.2 13.5 13.8 14.1 14.4 14.7 15 15.3 15.6 15.9 16.2 16.5 16.8 17.1 17.4 17.7 18
Freq.(GHz)
Gain, Input Return Loss and Output Return Loss
Gain(dB) 25 C
IN_Return Loss(dB)
OUT_Return Loss(dB)
0
5
10
15
20
25
30
35
40
45
50
12 12.3 12.6 12.9 13.2 13.5 13.8 14.1 14.4 14.7 15 15.3 15.6 15.9 16.2 16.5 16.8 17.1 17.4 17.7 18
Freq.(GHz)
Gain vs Temperature
Gain(dB) 25 C
Gain(dB) 85 C
Gain(dB) -55 C
PE15A4002
PE15A4002 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1 Watt, 12 GHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, 39 dBm IP3,
6 dB NF, SMA PE15A4002
1 Watt, 12 GHz to 18 GHz, Medium Power Broadband
Amplifier, 33 dB Gain, 39 dBm IP3, 6 dB NF, SMA


Similar Part No. - PE15A4002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4001 PASTERNACK-PE15A4001 Datasheet
479Kb / 6P
   Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
PE15A4001 PASTERNACK-PE15A4001_17 Datasheet
479Kb / 6P
   TECHNICAL DATA SHEET
PE15A4003 PASTERNACK-PE15A4003 Datasheet
479Kb / 6P
   Amplifier, 32 dB Gain, 42 dBm IP3, 5 dB NF, SMA
PE15A4004 PASTERNACK-PE15A4004 Datasheet
480Kb / 6P
   Amplifier, 38 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A4005 PASTERNACK-PE15A4005 Datasheet
468Kb / 6P
   Amplifier, 33 dB Gain, 39 dBm IP3, 5 dB NF, SMA
More results

Similar Description - PE15A4002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4005 PASTERNACK-PE15A4005 Datasheet
468Kb / 6P
   Amplifier, 33 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A3507 PASTERNACK-PE15A3507 Datasheet
479Kb / 6P
   High Gain Amplifier, 39 dBm IP3, 6 dB NF, SMA
PE15A4004 PASTERNACK-PE15A4004 Datasheet
480Kb / 6P
   Amplifier, 38 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A3503 PASTERNACK-PE15A3503 Datasheet
488Kb / 6P
   High Gain Amplifier, 39 dBm IP3, 5 dB NF, SMA
PE15A4001 PASTERNACK-PE15A4001 Datasheet
479Kb / 6P
   Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
PE15A4003 PASTERNACK-PE15A4003 Datasheet
479Kb / 6P
   Amplifier, 32 dB Gain, 42 dBm IP3, 5 dB NF, SMA
PE15A4007 PASTERNACK-PE15A4007 Datasheet
481Kb / 6P
   30 dB Gain, 45 dBm IP3, 5 dB NF, SMA
PE15A4006 PASTERNACK-PE15A4006 Datasheet
483Kb / 6P
   30 dB Gain, 38 dBm IP3, 3 dB NF, SMA
PE15A3504 PASTERNACK-PE15A3504 Datasheet
487Kb / 6P
   Broadband High Gain Amplifier, 42 dBm IP3, 5 dB NF, SMA
PE1528 PASTERNACK-PE1528 Datasheet
349Kb / 3P
   11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com