Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM360MNOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM360MNOPB
Description  LM160/LM360 High Speed Differential Comparator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM360MNOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM360MNOPB Datasheet HTML 1Page - Texas Instruments LM360MNOPB Datasheet HTML 2Page - Texas Instruments LM360MNOPB Datasheet HTML 3Page - Texas Instruments LM360MNOPB Datasheet HTML 4Page - Texas Instruments LM360MNOPB Datasheet HTML 5Page - Texas Instruments LM360MNOPB Datasheet HTML 6Page - Texas Instruments LM360MNOPB Datasheet HTML 7Page - Texas Instruments LM360MNOPB Datasheet HTML 8Page - Texas Instruments LM360MNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM160, LM360
www.ti.com
SNOSBJ4C – MAY 1999 – REVISED MARCH 2013
LM160/LM360 High Speed Differential Comparator
Check for Samples: LM160, LM360
1
FEATURES
DESCRIPTION
The LM160/LM360 is a very high speed differential
2
Ensured high speed:
20 ns max
input, complementary TTL output voltage comparator
Tight delay matching on both outputs
with
improved
characteristics
over
the
Complementary TTL outputs
μA760/μA760C,
for
which
it
is
a
pin-for-pin
replacement. The device has been optimized for
High input impedance
greater speed, input impedance and fan-out, and
Low speed variation with overdrive variation
lower input offset voltage. Typically delay varies only
Fan-out of 4
3 ns for overdrive variations of 5 mV to 400 mV.
Low input offset voltage
Complementary outputs having minimum skew are
Series 74 TTL compatible
provided. Applications involve high speed analog to
digital convertors and zero-crossing detectors in disk
file systems.
CONNECTION DIAGRAMS
TO-99 Package
SOIC or PDIP Package
Figure 1. Package Number LMC0008C (1)
Figure 2. Package Number D0008A or P0008E
(1)
Also available in SMD# 5962-8767401
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM360MNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM360M NSC-LM360M Datasheet
230Kb / 7P
   High Speed Differential Comparator
logo
Texas Instruments
LM360M TI1-LM360M Datasheet
343Kb / 13P
[Old version datasheet]   LM160QML High Speed Differential Comparator
LM360M/NOPB TI1-LM360M/NOPB Datasheet
343Kb / 13P
[Old version datasheet]   LM160QML High Speed Differential Comparator
logo
National Semiconductor ...
LM360MX NSC-LM360MX Datasheet
22Kb / 2P
   Homogeneous Material Composition Declaration for Electronic Products
logo
Texas Instruments
LM360MX TI1-LM360MX Datasheet
343Kb / 13P
[Old version datasheet]   LM160QML High Speed Differential Comparator
More results

Similar Description - LM360MNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
   High Speed Differential Comparator
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
   HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
[Old version datasheet]   LM160QML High Speed Differential Comparator
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
   DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM160QML TI1-LM160QML_14 Datasheet
343Kb / 13P
[Old version datasheet]   LM160QML High Speed Differential Comparator
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
   High-speed dual-differential comparator/sense amp
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com