Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6772QMMXNOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMC6772QMMXNOPB
Description  Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6772QMMXNOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMC6772QMMXNOPB Datasheet HTML 1Page - Texas Instruments LMC6772QMMXNOPB Datasheet HTML 2Page - Texas Instruments LMC6772QMMXNOPB Datasheet HTML 3Page - Texas Instruments LMC6772QMMXNOPB Datasheet HTML 4Page - Texas Instruments LMC6772QMMXNOPB Datasheet HTML 5Page - Texas Instruments LMC6772QMMXNOPB Datasheet HTML 6Page - Texas Instruments LMC6772QMMXNOPB Datasheet HTML 7Page - Texas Instruments LMC6772QMMXNOPB Datasheet HTML 8Page - Texas Instruments LMC6772QMMXNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LMC6772
www.ti.com
SNOS749F – SEPTEMBER 1995 – REVISED MARCH 2013
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
Check for Samples: LMC6772
1
FEATURES
DESCRIPTION
The LMC6772 is an ultra low power dual comparator
2
(Typical Unless Otherwise Noted)
with a maximum 10
μA/comparator power supply
Low Power Consumption (Max):
IS = 10
current. It is designed to operate over a wide range of
μA/comp
supply voltages, with a minimum supply voltage of
Wide Range of Supply Voltages:
2.7V to 15V
2.7V.
Rail-to-Rail Input Common Mode Voltage
The common mode voltage range of the LMC6772
Range
exceeds both the positive and negative supply rails, a
significant advantage in single supply applications.
Open Drain Output
The open drain output of the LMC6772 allows for
Short Circuit Protection:
40 mA
wired-OR configurations. The open drain output also
Propagation Delay (@VS = 5V, 100 mV
offers the advantage of allowing the output to be
Overdrive):
5
μs
pulled to any voltage rail up to 15V, regardless of the
supply voltage of the LMC6772.
LMC6772Q is AEC-Q Qualified
LMC6772Q has
−40°C to 125°C Temperature
The LMC6772 is targeted for systems where low
Range
power consumption is the critical parameter. Ensured
operation at supply voltages of 2.7V and rail-to-rail
performance makes this comparator ideal for battery-
APPLICATIONS
powered applications.
Laptop Computers
Refer to the LMC6762 datasheet for a push-pull
Mobile Phones
output stage version of this device.
Metering Systems
Hand-Held Electronics
RC Timers
Alarm and Monitoring Circuits
Window Comparators, Multivibrators
Connection Diagram
8-Pin PDIP/SOIC/VSSOP - Top View
See Package Number P0008E/D0008A/DGK0008A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC6772QMMXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6772QMMX/NOPB TI1-LMC6772QMMX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772QMMX/NOPB TI-LMC6772QMMX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results

Similar Description - LMC6772QMMXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Texas Instruments
SM72375 TI1-SM72375_14 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI-SM72375_15 Datasheet
1Mb / 19P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375 Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_16 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com