Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV7231 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7231
Description  LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7231 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV7231 Datasheet HTML 6Page - Texas Instruments LMV7231 Datasheet HTML 7Page - Texas Instruments LMV7231 Datasheet HTML 8Page - Texas Instruments LMV7231 Datasheet HTML 9Page - Texas Instruments LMV7231 Datasheet HTML 10Page - Texas Instruments LMV7231 Datasheet HTML 11Page - Texas Instruments LMV7231 Datasheet HTML 12Page - Texas Instruments LMV7231 Datasheet HTML 13Page - Texas Instruments LMV7231 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
4 Ps/DIV
VOUT when
+IN = VIN
-IN = GND
2V/DIV
DC
VIN
10 mV/DIV
AC
RL = 10 k:
CL = 10 pF
VOUT when
+IN = V+
-IN = VIN
2V/DIV
DC
tPDHL1
tPDLH2
10 mV OF OVERDRIVE
tPDLH1
tPDHL2
OUTPUT VOLTAGE (V)
10
1
0.1
0.01
0
1
2
4
5
6
25°C
-40°C
V+ = 3.3V
INPUT OVERDRIVE (mV)
40
30
20
10
0
0
10 20 30 40 50 60 70 80 90 100
LH +IN
HL -IN
LH -IN
HL +IN
OUTPUT PULL-UP RESISTOR (k:)
1e2
1e1
1
1e-1
1e-2
1e-3
1e-1
1
1e1
1e2
1e3
RISE
FALL
V+ = 3.3V
CL = 10 pF
TA = 25°C
OUTPUT VOLTAGE (V)
100
80
60
40
20
0
0
1
2
4
5
6
TA = 25°C
V+ = 3.3V
V+ = 2.2V
V+ = 5.5V
OUTPUT VOLTAGE (V)
70
60
50
40
30
20
10
0
0
1
1
2
3
V+ = 3.3V
25°C
-40°C
85°C
125°C
LMV7231
SNOSB45E – FEBRUARY 2010 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
V
+ = 3.3V and T
A =25°C unless otherwise noted.
Output Short Circuit Current
Output Short Circuit Current
vs.
vs.
Output Voltage
Output Voltage
Figure 26.
Figure 27.
Propagation Delay
Rise and Fall Times
vs.
vs.
Input Overdrive
Output Pull-Up Resistor
Figure 28.
Figure 29.
Output Leakage Current
vs.
Propagation Delay
Output Voltage
Figure 30.
Figure 31.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMV7231


Similar Part No. - LMV7231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231 Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
logo
National Semiconductor ...
LMV7231SQ NSC-LMV7231SQ Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
LMV7231SQ TI1-LMV7231SQ Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
LMV7231SQ/NOPB TI1-LMV7231SQ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
More results

Similar Description - LMV7231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV7231 TI-LMV7231_15 Datasheet
1Mb / 21P
[Old version datasheet]   LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231_16 Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
logo
Analog Devices
ADCMP361 AD-ADCMP361 Datasheet
115Kb / 13P
   Single Comparator with 400mV Reference and Dual Polarity Outputs
Rev. PrB
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com