Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3202AIDGK Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3202AIDGK
Description  40-ns, microPOWER, Push-Pull Output Comparators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3202AIDGK Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV3202AIDGK Datasheet HTML 4Page - Texas Instruments TLV3202AIDGK Datasheet HTML 5Page - Texas Instruments TLV3202AIDGK Datasheet HTML 6Page - Texas Instruments TLV3202AIDGK Datasheet HTML 7Page - Texas Instruments TLV3202AIDGK Datasheet HTML 8Page - Texas Instruments TLV3202AIDGK Datasheet HTML 9Page - Texas Instruments TLV3202AIDGK Datasheet HTML 10Page - Texas Instruments TLV3202AIDGK Datasheet HTML 11Page - Texas Instruments TLV3202AIDGK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
20
40
60
80
100
120
140
160
180
200
220
−140
−120
−100
−80
−60
−40
−20
0
20
40
60
80
100
120
140
−3
−2.6
−2.1
−1.7
−1.3
−0.9
−0.4
0
0.4
0.9
1.3
1.7
2.1
2.6
3
Time (ns)
Output: VOD = 20 mV
Input: VOD = 20 mV
Output: VOD = 100 mV
Input: VOD = 100 mV
G000
20
40
60
80
100 120 140 160 180 200 220 240
−140
−120
−100
−80
−60
−40
−20
0
20
40
60
80
100
120
140
−3
−2.6
−2.1
−1.7
−1.3
−0.9
−0.4
0
0.4
0.9
1.3
1.7
2.1
2.6
3
Time (ns)
Output: VOD = 20 mV
Input: VOD = 20 mV
Output: VOD = 100 mV
Input: VOD = 100 mV
G019
−2.8
−2.4
−2
−1.6
−1.2
−0.8
−0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
0
5
10
15
20
Output Current (mA)
−40°C
25°C
75°C
125°C
VCC = 2.7 V
Sinking Current
Sourcing Current
G015
−5.9
−4.7
−3.5
−2.3
−1.1
0.1
1.3
2.5
3.7
4.9
5.9
0
10
20
30
40
50
60
Output Current (mA)
−40°C
25°C
75°C
125°C
VCC = 5.5 V
Sinking Current
Sourcing Current
G017
10
20
30
40
50
60
70
80
90
−40
−15
10
35
60
85
110 125
Temperature (°C)
ISC, Source: VCC = 5 V
ISC, Sink: VCC = 5 V
ISC, Sink: VCC = 2.7 V
ISC, Source: VCC = 2.7 V
G014
TLV3201
TLV3202
SBOS561A – MARCH 2012 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCC = +5 V, and input overdrive (VOD) = 20 mV, unless otherwise noted.
QUIESCENT CURRENT vs SWITCHING FREQUENCY
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Figure 13.
Figure 14.
OUTPUT VOLTAGE vs OUTPUT CURRENT
OUTPUT VOLTAGE vs OUTPUT CURRENT
Figure 15.
Figure 16.
PROPAGATION DELAY FALLING EDGE
PROPAGATION DELAY RISING EDGE
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TLV3201 TLV3202


Similar Part No. - TLV3202AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3202AIDGK TI1-TLV3202AIDGK Datasheet
1Mb / 26P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3202AIDGKR TI1-TLV3202AIDGKR Datasheet
1Mb / 26P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
More results

Similar Description - TLV3202AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3201 TI1-TLV3201_12 Datasheet
1Mb / 26P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201-Q1 TI1-TLV3201-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, Micropower, Push-Pull Output Automotive Comparators
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com