Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A5018D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A5018D
Description  10-廓 QUAD SPDT ANALOG SWITCH
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A5018D Datasheet(HTML) 1 Page - Texas Instruments

  TS3A5018D Datasheet HTML 1Page - Texas Instruments TS3A5018D Datasheet HTML 2Page - Texas Instruments TS3A5018D Datasheet HTML 3Page - Texas Instruments TS3A5018D Datasheet HTML 4Page - Texas Instruments TS3A5018D Datasheet HTML 5Page - Texas Instruments TS3A5018D Datasheet HTML 6Page - Texas Instruments TS3A5018D Datasheet HTML 7Page - Texas Instruments TS3A5018D Datasheet HTML 8Page - Texas Instruments TS3A5018D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RSV PACKAGE
(TOP VIEW)
NC4
NO4
COM4
NC3
NO1
COM1
NC2
NO2
RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
EN
NC4
NO4
COM4
NC3
NO3
NC1
NO1
COM1
NC2
NO2
COM2
Logic
Control
11
10
7
NC2
D, DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
16
15
14
13
12
IN
NC1
NO1
COM1
NC4
EN
V+
NO4
COM4
6
COM2
NO2
NC3
NO3
8
GND
9
COM3
TS3A5018
www.ti.com
SCDS189F – JANUARY 2005 – REVISED MAY 2013
10-
Ω QUAD SPDT ANALOG SWITCH
Check for Samples: TS3A5018
1
FEATURES
APPLICATIONS
Low ON-State Resistance (10
Ω)
Sample-and-Hold Circuits
Low Charge Injection
Battery-Powered Equipment
Excellent ON-State Resistance Matching
Audio and Video Signal Routing
Low Total Harmonic Distortion (THD)
Communication Circuits
1.8-V to 3.6-V Single-Supply Operation
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
DESCRIPTION
The TS3A5018 is a quad single-pole double-throw (SPDT) analog switch that is designed to operate from 1.8 V
to 3.6 V. This device can handle both digital and analog signals, and signals up to V+ can be transmitted in either
direction.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS3A5018D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5018D TI-TS3A5018D Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
TS3A5018D TI-TS3A5018D Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018D TI-TS3A5018D Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DBQR TI-TS3A5018DBQR Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
TS3A5018DBQR TI-TS3A5018DBQR Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Similar Description - TS3A5018D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com