Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3159ADBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3159ADBVT
Description  1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3159ADBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5A3159ADBVT Datasheet HTML 7Page - Texas Instruments TS5A3159ADBVT Datasheet HTML 8Page - Texas Instruments TS5A3159ADBVT Datasheet HTML 9Page - Texas Instruments TS5A3159ADBVT Datasheet HTML 10Page - Texas Instruments TS5A3159ADBVT Datasheet HTML 11Page - Texas Instruments TS5A3159ADBVT Datasheet HTML 12Page - Texas Instruments TS5A3159ADBVT Datasheet HTML 13Page - Texas Instruments TS5A3159ADBVT Datasheet HTML 14Page - Texas Instruments TS5A3159ADBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TS5A3159A
www.ti.com
SCDS200C – AUGUST 2005 – REVISED MAY 2010
Electrical Characteristics for 1.8-V Supply
(1)
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
25°C
5
Peak on
0
≤ (VNO or VNC) ≤ V+,
Switch on,
rpeak
1.65 V
resistance
ICOM = –2 mA,
See Figure 15
Full
15
25°C
2
2.5
On-state
VNO or VNC = 1.5 V,
Switch on,
ron
1.65 V
resistance
ICOM = –2 mA,
See Figure 15
Full
3.5
On-state
25°C
0.15
0.4
resistance match
VNO or VNC = 1.5 V,
Switch on,
Δron
1.65 V
between
ICOM = –2 mA,
See Figure 15
Full
0.4
channels
0
≤ (VNO or VNC) ≤ V+,
Switch on,
25°C
5
On-state
ICOM = –8 mA,
See Figure 15
resistance
ron(flat)
1.65 V
25°C
4.5
VNO or VNC = 0.6 V, 1.5 V,
Switch on,
flatness
ICOM = –2 mA,
See Figure 15
Full
VNC or VNO = 0.3 V,
25°C
–5
2
5
VCOM = 0.3 V to 1.65 V,
INC(OFF),
Switch off,
or
1.95 V
nA
NC, NO
INO(OFF)
See Figure 16
Full
–20
20
VNC or VNO = 1.65 V,
off leakage
VCOM = 0.3 V to 1.65 V,
current
25°C
–1
0.1
1
INC(PWROFF)
VNC or VNO = 0 to 1.95 V,
Switch off,
0 V
mA
INO(PWROFF)
VCOM = 1.95 V to 0,
See Figure 16
Full
–5
5
NC, NO
VNC or VNO = 0.3 V, VCOM = Open,
25°C
–5
2
5
INC(ON),
Switch on,
on leakage
or
1.95 V
nA
INO(ON)
See Figure 17
Full
–20
20
current
VNC or VNO = 1.65 V, VCOM = Open,
COM
25°
–1
0.1
7
VNC or VNO = 1.95 V to 0,
Switch off,
off leakage
ICOM(PWROFF)
0 V
mA
VCOM = 0 to 1.95 V,
See Figure 16
Full
–5
5
current
COM
VNC or VNO = Open, VCOM = 0.3 V,
25°C
–5
2
5
Switch on,
on leakage
ICOM(ON)
or
1.95 V
nA
See Figure 17
Full
–20
20
current
VNC or VNO = Open, VCOM = 1.65 V,
Digital Input (IN)
Input logic high
VIH
Full
1.5
5.5
V
Input logic low
VIL
Full
0
0.6
25°C
–2
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
1.95 V
nA
current
Full
20
20
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TS5A3159A


Similar Part No. - TS5A3159ADBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159ADBVT TI-TS5A3159ADBVT Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVT TI-TS5A3159ADBVT Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVTE4 TI-TS5A3159ADBVTE4 Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVTE4 TI-TS5A3159ADBVTE4 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVTG4 TI-TS5A3159ADBVTG4 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A3159ADBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A23159 1-廓 2-Channel SPDT Analog Switch 5-V / 3.3-V 2-Channel 2:1 Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com