Electronic Components Datasheet Search |
|
TS5A3159A Datasheet(PDF) 11 Page - Texas Instruments |
|
TS5A3159A Datasheet(HTML) 11 Page - Texas Instruments |
11 / 32 page TS5A3159A www.ti.com SCDS200C – AUGUST 2005 – REVISED MAY 2010 Electrical Characteristics for 1.8-V Supply (1) V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, VNO, 0 V+ V range VNC 25°C 5 Peak on 0 ≤ (VNO or VNC) ≤ V+, Switch on, rpeak 1.65 V Ω resistance ICOM = –2 mA, See Figure 15 Full 15 25°C 2 2.5 On-state VNO or VNC = 1.5 V, Switch on, ron 1.65 V Ω resistance ICOM = –2 mA, See Figure 15 Full 3.5 On-state 25°C 0.15 0.4 resistance match VNO or VNC = 1.5 V, Switch on, Δron 1.65 V Ω between ICOM = –2 mA, See Figure 15 Full 0.4 channels 0 ≤ (VNO or VNC) ≤ V+, Switch on, 25°C 5 On-state ICOM = –8 mA, See Figure 15 resistance ron(flat) 1.65 V Ω 25°C 4.5 VNO or VNC = 0.6 V, 1.5 V, Switch on, flatness ICOM = –2 mA, See Figure 15 Full VNC or VNO = 0.3 V, 25°C –5 2 5 VCOM = 0.3 V to 1.65 V, INC(OFF), Switch off, or 1.95 V nA NC, NO INO(OFF) See Figure 16 Full –20 20 VNC or VNO = 1.65 V, off leakage VCOM = 0.3 V to 1.65 V, current 25°C –1 0.1 1 INC(PWROFF) VNC or VNO = 0 to 1.95 V, Switch off, 0 V mA INO(PWROFF) VCOM = 1.95 V to 0, See Figure 16 Full –5 5 NC, NO VNC or VNO = 0.3 V, VCOM = Open, 25°C –5 2 5 INC(ON), Switch on, on leakage or 1.95 V nA INO(ON) See Figure 17 Full –20 20 current VNC or VNO = 1.65 V, VCOM = Open, COM 25° –1 0.1 7 VNC or VNO = 1.95 V to 0, Switch off, off leakage ICOM(PWROFF) 0 V mA VCOM = 0 to 1.95 V, See Figure 16 Full –5 5 current COM VNC or VNO = Open, VCOM = 0.3 V, 25°C –5 2 5 Switch on, on leakage ICOM(ON) or 1.95 V nA See Figure 17 Full –20 20 current VNC or VNO = Open, VCOM = 1.65 V, Digital Input (IN) Input logic high VIH Full 1.5 5.5 V Input logic low VIL Full 0 0.6 25°C –2 2 Input leakage IIH, IIL VI = 5.5 V or 0 1.95 V nA current Full 20 20 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum. Copyright © 2005–2010, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): TS5A3159A |
Similar Part No. - TS5A3159A_14 |
|
Similar Description - TS5A3159A_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |