Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29LV400BC-90PFTR Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MBM29LV400BC-90PFTR
Description  4M (512K X 8/256K X 16) BIT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV400BC-90PFTR Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MBM29LV400BC-90PFTR Datasheet HTML 2Page - Fujitsu Component Limited. MBM29LV400BC-90PFTR Datasheet HTML 3Page - Fujitsu Component Limited. MBM29LV400BC-90PFTR Datasheet HTML 4Page - Fujitsu Component Limited. MBM29LV400BC-90PFTR Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV400BC-90PFTR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV400BC-90PFTR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV400BC-90PFTR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV400BC-90PFTR Datasheet HTML 9Page - Fujitsu Component Limited. MBM29LV400BC-90PFTR Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
MBM29LV400TC-70/-90/-12/MBM29LV400BC-70/-90/-12
6
A15
A14
A13
A12
A11
A10
A9
A8
N.C.
N.C.
WE
RESET
N.C.
N.C.
RY/BY
N.C.
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MBM29LV400TC/MBM29LV400BC
Standard Pinout
MBM29LV400TC/MBM29LV400BC
Reverse Pinout
TSOP(I)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
N.C.
RY/BY
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
DQ3
DQ11
RESET
WE
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
V SS
DQ 15/A-1
DQ 7
DQ 14
DQ 6
DQ 13
DQ5
DQ 12
DQ4
VCC
SOP
(Top View)
A16
BYTE
VSS
DQ 15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE
VSS
CE
A0
A0
CE
VSS
OE
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
DQ3
DQ11
VCC
DQ4
DQ12
DQ5
DQ13
DQ6
DQ14
DQ7
DQ15/A-1
VSS
BYTE
A16
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
A1
A2
A3
A4
A5
A6
A7
A17
N.C.
RY/BY
N.C.
N.C.
RESET
WE
N.C.
N.C.
A8
A9
A10
A11
A12
A13
A14
A15
(Marking Side)
(Marking Side)
FPT-44P-M16
FPT-48P-M19
FPT-48P-M20
s CONNECTION DIAGRAMS


Similar Part No. - MBM29LV400BC-90PFTR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400BC-90PFTR SPANSION-MBM29LV400BC-90PFTR Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
More results

Similar Description - MBM29LV400BC-90PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
   4M (512K X 8) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
   4M (512K X 8) BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com