Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29PL3200TE90PBT Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MBM29PL3200TE90PBT
Description  32 M (2 M X 16/1 M X 32) BIT
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29PL3200TE90PBT Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MBM29PL3200TE90PBT Datasheet HTML 1Page - Fujitsu Component Limited. MBM29PL3200TE90PBT Datasheet HTML 2Page - Fujitsu Component Limited. MBM29PL3200TE90PBT Datasheet HTML 3Page - Fujitsu Component Limited. MBM29PL3200TE90PBT Datasheet HTML 4Page - Fujitsu Component Limited. MBM29PL3200TE90PBT Datasheet HTML 5Page - Fujitsu Component Limited. MBM29PL3200TE90PBT Datasheet HTML 6Page - Fujitsu Component Limited. MBM29PL3200TE90PBT Datasheet HTML 7Page - Fujitsu Component Limited. MBM29PL3200TE90PBT Datasheet HTML 8Page - Fujitsu Component Limited. MBM29PL3200TE90PBT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
MBM29PL3200TE/BE70/90
2
(Continued)
The device provides truly high performance non-volatile Flash memory solution. The device offers fast page
access times of 25 ns and 35 ns with random access times of 70 ns and 90 ns, allowing operation of high-speed
microprocessors without wait states. To eliminate bus contention, the device has separate chip enable (CE),
write enable (WE) and output enable (OE) controls. The page size is 8 words or 4 double words.
The device is command set compatible with JEDEC standard E2PROMs. Commands are written to the command
register using standard microprocessor write timings. Register contents serve as input to an internal state-
machine which controls the erase and programming circuitry. Write cycles also internally latch addresses and
data needed for the programming and erase operations. Reading data out of the device is similar to reading
from 5.0 V and 12.0 V Flash or EPROM devices.
The device is programmed by executing the program command sequence. This will invoke the Embedded
ProgramTM * Algorithm, which is an internal algorithm that automatically times the program pulse widths and
verifies proper cell margins. Typically, each sector can be programmed and verified in about 2.2 seconds. Erase
is accomplished by executing the erase command sequence. This will invoke the Embedded EraseTM * Algorithm,
which is an internal algorithm that automatically preprograms the array if it is not already programmed before
executing the erase operation. During erase, the device automatically times the erase pulse widths and verifies
proper cell margins.
Any individual sector is typically erased and verified in 4.8 second. (If already preprogrammed.)
The device also features a sector erase architecture. The sector mode allows each sector to be erased and
reprogrammed without affecting other sectors. The device is erased when shipped from the factory.
The device features single 3.0 V power supply operation for both read and write functions. Internally generated
and regulated voltages are provided for the program and erase operations. A low VCC detector automatically
inhibits write operations on the loss of power. The end of program or erase is detected by Data Polling of DQ7,
by the Toggle Bit feature on DQ6, output pin. Once the end of a program or erase cycle has been completed,
the device internally resets to the read mode.
Fujitsu’s Flash technology combines years of Flash memory manufacturing experience to produce the highest
levels of quality, reliability, and cost effectiveness. The device memory electrically erases all bits within a sector
simultaneously via Fowler-Nordhiem tunneling. The words/double words are programmed one word/double word
at a time using the EPROM programming mechanism of hot electron injection.
*: Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.
s
s
s
s FEATURES
• 0.23
µµµµm Process Technology
• Single 3.0 V read, program and erase
Minimized system level power requirements
• High Performance Page Mode
25 ns maximum page access time (70 ns random access time)
• 8 words Page (
×××× 16) /4 double words ( ×××× 32) size
• Compatible with JEDEC-standard commands
Uses same software commands as E2PROMs
• Compatible with JEDEC-standard world-wide pinouts
90-pin SSOP (Package suffix : PFV)
84-ball FBGA (Package suffix : PBT)
• Minimum 100,000 program/erase cycles
• Sector erase architecture
One 16 K word, two 8 K words, one 96 K word, and fifteen 128 K words sectors in word mode (
× 16)
One 8 K double word, two 4 K double words, one 48 K double word, and fifteen 64 K double words sectors in
double word mode (
× 32)
Any combination of sectors can be concurrently erased. Also supports full chip erase


Similar Part No. - MBM29PL3200TE90PBT

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29PL32BM10PBT SPANSION-MBM29PL32BM10PBT Datasheet
820Kb / 68P
   FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
MBM29PL32BM10TN SPANSION-MBM29PL32BM10TN Datasheet
820Kb / 68P
   FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
MBM29PL32BM90PBT SPANSION-MBM29PL32BM90PBT Datasheet
820Kb / 68P
   FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
MBM29PL32BM90TN SPANSION-MBM29PL32BM90TN Datasheet
820Kb / 68P
   FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
MBM29PL32TM10PBT SPANSION-MBM29PL32TM10PBT Datasheet
820Kb / 68P
   FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
More results

Similar Description - MBM29PL3200TE90PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV320TE FUJITSU-MBM29LV320TE Datasheet
877Kb / 64P
   32 M (4 M X 8/2 M X 16) BIT
logo
SPANSION
MBM29DL32XTE80 SPANSION-MBM29DL32XTE80 Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL32TF-70 SPANSION-MBM29DL32TF-70 Datasheet
811Kb / 70P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL34TF70 SPANSION-MBM29DL34TF70 Datasheet
777Kb / 68P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
logo
Advanced Micro Devices
AM29PL320D AMD-AM29PL320D Datasheet
941Kb / 49P
   32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
logo
SPANSION
AM29PL320D SPANSION-AM29PL320D Datasheet
947Kb / 50P
   32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
MBM29DS163TE10 SPANSION-MBM29DS163TE10 Datasheet
721Kb / 67P
   FLASH MEMORY CMOS 16 M (2 M X 8/1 M X 16) BIT Dual Operation
logo
Advanced Micro Devices
AM49DL32XBG AMD-AM49DL32XBG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
logo
SPANSION
AM49LV128BM SPANSION-AM49LV128BM Datasheet
2Mb / 98P
   128 Megabit (8 M x 16-Bit) MirrorBit??Uniform Sector Flash Memory and 32 Mbit (2 M x 16-Bit)
logo
Cypress Semiconductor
S29AL016J CYPRESS-S29AL016J Datasheet
701Kb / 58P
   16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 3 VBoot Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com