Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29LV400BC-70PFTR Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MBM29LV400BC-70PFTR
Description  4M (512K X 8/256K X 16) BIT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV400BC-70PFTR Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MBM29LV400BC-70PFTR Datasheet HTML 3Page - Fujitsu Component Limited. MBM29LV400BC-70PFTR Datasheet HTML 4Page - Fujitsu Component Limited. MBM29LV400BC-70PFTR Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV400BC-70PFTR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV400BC-70PFTR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV400BC-70PFTR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV400BC-70PFTR Datasheet HTML 9Page - Fujitsu Component Limited. MBM29LV400BC-70PFTR Datasheet HTML 10Page - Fujitsu Component Limited. MBM29LV400BC-70PFTR Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
7
MBM29LV400TC-70/-90/-12/MBM29LV400BC-70/-90/-12
(Continued)
A1
A2
A3
A4
A5
A6
A7
A17
N.C.
RY/BY
N.C.
N.C.
RESET
WE
N.C.
N.C.
A8
A9
A10
A11
A12
A13
A14
A15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A0
CE
VSS
OE
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
DQ3
DQ11
VCC
DQ4
DQ12
DQ5
DQ13
DQ6
DQ14
DQ7
DQ15/A-1
VSS
BYTE
A16
(TOP VIEW)
CSOP-48
LCC-48P-M03
A1
B1
C1
D1
E1
F1
G1
H1
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
FBGA
(Top View)
Marking side
BGA-48P-M01
A1
A3
A2
A7
A3
RY/BY
A4
WE
A5
A9
A6
A13
B1
A4
B2
A17
B3
N.C.
B4
RESET
B5
A8
B6
A12
C1
A2
C2
A6
C3
N.C.
C4
N.C.
C5
A10
C6
A14
D1
A1
D2
A5
D3
N.C.
D4
N.C.
D5
A11
D6
A15
E1
A0
E2
DQ0
E3
DQ2
E4
DQ5
E5
DQ7
E6
A16
F1
CE
F2
DQ8
F3
DQ10
F4
DQ12
F5
DQ14
F6
BYTE
G1
OE
G2
DQ9
G3
DQ11
G4
VCC
G5
DQ13
G6
DQ15/A-1
H1
VSS
H2
DQ1
H3
DQ3
H4
DQ4
H5
DQ6
H6
VSS


Similar Part No. - MBM29LV400BC-70PFTR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400BC-70PFTR SPANSION-MBM29LV400BC-70PFTR Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
More results

Similar Description - MBM29LV400BC-70PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
   4M (512K X 8) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
   4M (512K X 8) BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com