Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6354US Datasheet(PDF) 6 Page - Microsemi Corporation

Part # 1N6354US
Description  VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6354US Datasheet(HTML) 6 Page - Microsemi Corporation

  1N6354US Datasheet HTML 1Page - Microsemi Corporation 1N6354US Datasheet HTML 2Page - Microsemi Corporation 1N6354US Datasheet HTML 3Page - Microsemi Corporation 1N6354US Datasheet HTML 4Page - Microsemi Corporation 1N6354US Datasheet HTML 5Page - Microsemi Corporation 1N6354US Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T4-LDS-0193-1, Rev. 1 (111899)
©2011 Microsemi Corporation
Page 6 of 6
1N6309US thru 1N6355DUS
PACKAGE DIMENSIONS
NOTE:
Symbol
DIMENSIONS
1. Dimensions are in inches.
INCH
MILLIMETERS
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. Dimensions are pre-solder dip.
BD
.070
.085
1.78
2.16
4. In accordance with ASME Y14.5M, diameters are equivalent
BL
.165
.195
4.19
4.95
to
Φx symbology.
ECT
.019
.028
0.48
0.71
S
.003 min
0.08 min


Similar Part No. - 1N6354US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6354US MICROSEMI-1N6354US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
logo
Sensitron
1N6354US SENSITRON-1N6354US Datasheet
127Kb / 4P
   ZENER 500mW VOLTAGE REGULATOR
More results

Similar Description - 1N6354US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
   VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
1N4954US MICROSEMI-1N4954US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B_15 Datasheet
201Kb / 8P
   0.5W Hermetically Sealed Glass Zener Diodes
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com