Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC-2R8A26-1065 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # VC-2R8A26-1065
Description  ASSP for Mobile Telephone
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VC-2R8A26-1065 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  VC-2R8A26-1065 Datasheet HTML 1Page - Fujitsu Component Limited. VC-2R8A26-1065 Datasheet HTML 2Page - Fujitsu Component Limited. VC-2R8A26-1065 Datasheet HTML 3Page - Fujitsu Component Limited. VC-2R8A26-1065 Datasheet HTML 4Page - Fujitsu Component Limited. VC-2R8A26-1065 Datasheet HTML 5Page - Fujitsu Component Limited. VC-2R8A26-1065 Datasheet HTML 6Page - Fujitsu Component Limited. VC-2R8A26-1065 Datasheet HTML 7Page - Fujitsu Component Limited. VC-2R8A26-1065 Datasheet HTML 8Page - Fujitsu Component Limited. VC-2R8A26-1065 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
VC-26 Series
5
Band2
(Ta
= −30°C to +85°C)
Parameter
Symbol
Conditions
Value
Unit
Min.
Typ.
Max.
Current
consumption
ICC
VCC
= 2.8 V, Vt = 1.425 V

15.0
mA
Frequency
fmin
VCC
= 2.8 V, Vt = 0.5 V

2113.0
MHz
Frequency
fmax
VCC
= 2.8 V, Vt = 2.35 V
2174.0

MHz
Control voltage
sensitivity
Svt
(fmax
− fmin) / 1.85
40.0
60.0
MHz/V
Oscillator output
PO
VCC
= 2.8 V, Vt = 1.425 V,
Ta
= +25°C
0.0
dBm
VCC
= 2.8 V, Vt = 1.425 V
−4.5
3.0
C/N
C/N
Offset
= 120 kHz, BW = 1 Hz

−117.0
dBc/Hz
Offset
= 1250 kHz, BW = 1 Hz,
Ta
= +25°C

−139.0
Offset
= 1250 kHz, BW = 1 Hz

−137.0
Offset
= 2050 kHz, BW = 1 Hz

−140.0
Offset
≥ 80 MHz, BW = 1 Hz

−160.0
Higher harmonics
Hs
VCC
= 2.8 V, Vt = 1.425 V,
Up to 3rd

−10.0
dBc
Spurious
Sp
VCC
= 2.8 V, Vt = 1.425 V

−80.0
dBc
Power supply
variation
Push
VCC
= 2.8 V ± 0.1 V

±1000
kHz
Load variation
Pull
VCC
= 2.8 V, Vt = 1.425 V,
VSWR
= 2, All phase

±700
kHz
Temperature drift
Td
Ta
= +25 (+60/−55) °C

±6000
kHz


Similar Part No. - VC-2R8A26-1065

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VC-2R8A24-0897 FUJITSU-VC-2R8A24-0897 Datasheet
166Kb / 15P
   VCO (800 to 2000 MHz)
VC-2R8A24-0897S FUJITSU-VC-2R8A24-0897S Datasheet
166Kb / 15P
   VCO (800 to 2000 MHz)
VC-2R8A24-1167 FUJITSU-VC-2R8A24-1167 Datasheet
166Kb / 15P
   VCO (800 to 2000 MHz)
VC-2R8A24-1202 FUJITSU-VC-2R8A24-1202 Datasheet
166Kb / 15P
   VCO (800 to 2000 MHz)
VC-2R8A24-1559P FUJITSU-VC-2R8A24-1559P Datasheet
166Kb / 15P
   VCO (800 to 2000 MHz)
More results

Similar Description - VC-2R8A26-1065

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VC-3R0A23 FUJITSU-VC-3R0A23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone
VC-2R8A30 FUJITSU-VC-2R8A30 Datasheet
154Kb / 15P
   ASSP for Mobile Telephone
VC-50 FUJITSU-VC-50 Datasheet
229Kb / 20P
   ASSP for Mobile Telephone
VC-3R0A50 FUJITSU-VC-3R0A50 Datasheet
248Kb / 20P
   ASSP for Mobile Telephone
VC-30 FUJITSU-VC-30 Datasheet
154Kb / 15P
   ASSP for Mobile Telephone
VC-2R2A80 FUJITSU-VC-2R2A80 Datasheet
152Kb / 13P
   ASSP for Mobile Telephone
VC-23 FUJITSU-VC-23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone VCO (800 to 2000 MHz)
logo
Mitsubishi Electric Sem...
MF1151V-2 MITSUBISHI-MF1151V-2 Datasheet
54Kb / 1P
   FOR AMPS MOBILE TELEPHONE, Tx
MF1010S-1 MITSUBISHI-MF1010S-1 Datasheet
133Kb / 1P
   FOR AMPS MOBILE TELEPHONE, Tx
MF1083V-2 MITSUBISHI-MF1083V-2 Datasheet
63Kb / 1P
   FOR DCS MOBILE TELEPHONE, Rx
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com