Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29LV200TC-12PFTR Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MBM29LV200TC-12PFTR
Description  2M (256K X 8/128K X 16) BIT
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV200TC-12PFTR Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MBM29LV200TC-12PFTR Datasheet HTML 1Page - Fujitsu Component Limited. MBM29LV200TC-12PFTR Datasheet HTML 2Page - Fujitsu Component Limited. MBM29LV200TC-12PFTR Datasheet HTML 3Page - Fujitsu Component Limited. MBM29LV200TC-12PFTR Datasheet HTML 4Page - Fujitsu Component Limited. MBM29LV200TC-12PFTR Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV200TC-12PFTR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV200TC-12PFTR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV200TC-12PFTR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV200TC-12PFTR Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
DS05-20865-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
2M (256K
× 8/128K × 16) BIT
MBM29LV200TC-70/-90/-12/MBM29LV200BC-70/-90/-12
s FEATURES
• Single 3.0 V read, program, and erase
Minimizes system level power requirements
• Compatible with JEDEC-standard commands
Uses same software commands as E2PROMs
• Compatible with JEDEC-standard world-wide pinouts
48-pin TSOP(I) (Package suffix: PFTN – Normal Bend Type, PFTR – Reversed Bend Type)
44-pin SOP (Package suffix: PF)
• Minimum 100,000 program/erase cycles
• High performance
70 ns maximum access time
• Sector erase architecture
One 8K word, two 4K words, one 16K word, and three 32K words sectors in word mode
One 16K byte, two 8K bytes, one 32K byte, and three 64K bytes sectors in byte mode
Any combination of sectors can be concurrently erased. Also supports full chip erase
• Boot Code Sector Architecture
T = Top sector
B = Bottom sector
• Embedded EraseTM Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switch themselves to low power mode
•Low VCC write inhibit
≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read in another sector within the same device
(Continued)
Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29LV200TC-12PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV001BC FUJITSU-MBM29LV001BC Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55 FUJITSU-MBM29LV001BC-55 Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55PD FUJITSU-MBM29LV001BC-55PD Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55PFTN FUJITSU-MBM29LV001BC-55PFTN Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55PFTR FUJITSU-MBM29LV001BC-55PFTR Datasheet
421Kb / 49P
   1M (128K x 8) BIT
More results

Similar Description - MBM29LV200TC-12PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F200TC FUJITSU-MBM29F200TC Datasheet
508Kb / 48P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
logo
Sharp Corporation
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
   CMOS 2M (256K x 8/128K x 16) MROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
logo
Sharp Corporation
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
logo
Fujitsu Component Limit...
MBM29LV002TC FUJITSU-MBM29LV002TC Datasheet
436Kb / 52P
   2M (256K x 8) BIT
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
logo
Force Technologies Ltd
FT29F200CT FORCE-FT29F200CT Datasheet
2Mb / 49P
   2M-BIT [256K x 8 / 128K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com