Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89593BW Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB89593BW
Description  8-bit Proprietary Microcontrollers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89593BW Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB89593BW Datasheet HTML 2Page - Fujitsu Component Limited. MB89593BW Datasheet HTML 3Page - Fujitsu Component Limited. MB89593BW Datasheet HTML 4Page - Fujitsu Component Limited. MB89593BW Datasheet HTML 5Page - Fujitsu Component Limited. MB89593BW Datasheet HTML 6Page - Fujitsu Component Limited. MB89593BW Datasheet HTML 7Page - Fujitsu Component Limited. MB89593BW Datasheet HTML 8Page - Fujitsu Component Limited. MB89593BW Datasheet HTML 9Page - Fujitsu Component Limited. MB89593BW Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
MB89590B/BW Series
6
s
s
s
s PIN DESCRIPTION
(Continued)
Pin No.
Pin name
Circuit type
Function
1P44/UCK
E
General-purpose CMOS I/O pin
UART/S10 clock I/O
2P45/UO
B
General-purpose CMOS I/O pin
UART/S10 serial data output
3
P46/UI/
PWM1
E
General-purpose CMOS I/O pin
UART/S10 serial data input
PWM timer
4P47/PWM2
B
General-purpose CMOS I/O pin
PWM timer
5
P30/INT0/
CLK
E
General-purpose CMOS I/O pin
Clock output pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
6
P31/INT1
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
7
P32/INT2
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
8
P33/INT3
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
9
P34/INT4
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
10
P35/INT5
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
11
P36/INT6
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
12
P37/INT7
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
13
P50
B
General-purpose CMOS I/O pin
14
VSS
Power supply pin (GND)
15
P51
B
General-purpose CMOS I/O pin
16
P52
K
General-purpose Nch open drain I/O pin
17
P53
K
General-purpose Nch open drain I/O pin
18
P54
K
General-purpose Nch open drain I/O pin
19
RST
I
Reset pin. (Reset on the negative logic low level.)


Similar Part No. - MB89593BW

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89530 FUJITSU-MB89530 Datasheet
798Kb / 65P
   8-bit Original Microcontroller
MB89530A FUJITSU-MB89530A Datasheet
1Mb / 69P
   8-bit Microcontroller
MB89535A FUJITSU-MB89535A Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89535AP FUJITSU-MB89535AP Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89535APF FUJITSU-MB89535APF Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
More results

Similar Description - MB89593BW

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com