Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29LV650 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # 29LV650
Description  64M (4M x 16) BIT
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

29LV650 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button 29LV650 Datasheet HTML 5Page - Fujitsu Component Limited. 29LV650 Datasheet HTML 6Page - Fujitsu Component Limited. 29LV650 Datasheet HTML 7Page - Fujitsu Component Limited. 29LV650 Datasheet HTML 8Page - Fujitsu Component Limited. 29LV650 Datasheet HTML 9Page - Fujitsu Component Limited. 29LV650 Datasheet HTML 10Page - Fujitsu Component Limited. 29LV650 Datasheet HTML 11Page - Fujitsu Component Limited. 29LV650 Datasheet HTML 12Page - Fujitsu Component Limited. 29LV650 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
MBM29LV650UE/651UE-90/12
9
*1: This command is valid while Fast Mode.
*2: This command is valid while RESET = VID.
*3: The valid addresses are A6 to A0.
*4: This command is valid while Hi-ROM mode.
Note:1. Address bits = X = “H” or “L” for all address commands except or Program Address (PA) and Sector Address
(SA).
2.Bus operations are defined in Table 2.
3.RA = Address of the memory location to be read.
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of
the write pulse.
SA = Address of the sector to be erased. The combination of A21, A20, A19, A18, A17,A16, and A15 will uniquely
select any sector.
4.RD = Data read from location RA during read operation.
PD = Data to be programmed at location PA. Data is latched on the falling edge of write pulse.
5.SPA = Sector group address to be protected. Set sector group address (SGA) and (A6, A1, A0) = (0, 1, 0).
SD = Sector group protection verify data. Output 01h at protected sector group addresses and output
00h at unprotected sector group addresses.
6.Both Read/Reset commands are functionally equivalent, resetting the device to the read mode.
Table 3
MBM29LV650UE/651UE Command Definitions
Command
Sequence
Bus
Write
Cycles
Req’d
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write
Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr. Data Addr. Data Addr. Data Addr. Data Addr. Data Addr. Data
Read/Reset
1
XXXh
F0h
——————————
Read/Reset
3
XXXh
AAh
XXXh
55h
XXXh
F0h
RA
RD
————
Autoselect
3
XXXh
AAh
XXXh
55h
XXXh
90h
——————
Program
4
XXXh
AAh
XXXh
55h
XXXh
A0h
PA
PD
————
Chip Erase
6
XXXh
AAh
XXXh
55h
XXXh
80h
XXXh
AAh
XXXh
55h
XXXh
10h
Sector Erase
6
XXXh
AAh
XXXh
55h
XXXh
80h
XXXh
AAh
XXXh
55h
SA
30h
Erase Suspend
1
XXXh
B0h
——————————
Erase Resume
1
XXXh
30h
——————————
Set to Fast Mode
3
XXXh
AAh
XXXh
55h
XXXh
20h
——————
Fast Program *1
2
XXXh
A0h
PA
PD
————————
Reset from Fast
Mode *1
2
XXXh
90h
XXXh
F0h
————————
Extended Sector
Group Protection
*2
4
XXXh
60h
SPA
60h
SPA
40h
SPA
SD
————
Query *3
1
XXh
98h
——————————
Hi-ROM Entry
3
XXXh
AAh
XXXh
55h
XXXh
88h
——————
Hi-ROM
Program *4
4
XXXh
AAh
XXXh
55h
XXXh
A0h
PA
PD
————
Hi-ROMExit *4
4
XXXh
AAh
XXXh
55h
XXXh
90h
XXXh
00h
————


Similar Part No. - 29LV650

ManufacturerPart #DatasheetDescription
logo
Macronix International
29LV002CT-70 MCNIX-29LV002CT-70 Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
29LV002CT-90 MCNIX-29LV002CT-90 Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
29LV017B-70 MCNIX-29LV017B-70 Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
29LV017B-90 MCNIX-29LV017B-90 Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
29LV040C-55R MCNIX-29LV040C-55R Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
More results

Similar Description - 29LV650

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV652UE FUJITSU-MBM29LV652UE Datasheet
571Kb / 58P
   64M (4M X 16) BIT
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
MX29LV640E MCNIX-MX29LV640E Datasheet
728Kb / 61P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LAA641D MCNIX-MX29LAA641D Datasheet
638Kb / 63P
   64M-BIT [4M x 16/8M x 8] CMOS EQUAL SECTOR
MX29LV640D MCNIX-MX29LV640D Datasheet
798Kb / 62P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV640BU MCNIX-MX29LV640BU Datasheet
492Kb / 64P
   64M-BIT [4M x 16] CMOS EQUAL SECTOR FLASH MEMORY
MX26L6420 MCNIX-MX26L6420 Datasheet
1Mb / 39P
   64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
Elpida Memory
EDS6416AHTA ELPIDA-EDS6416AHTA Datasheet
696Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
EDS6416AHBH ELPIDA-EDS6416AHBH Datasheet
716Kb / 49P
   64M bits SDRAM (4M words x 16 bits)
logo
Macronix International
MX23L6411 MCNIX-MX23L6411 Datasheet
487Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM with Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com