Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC-2R2A80-0717K Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # VC-2R2A80-0717K
Description  ASSP for Mobile Telephone
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VC-2R2A80-0717K Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  VC-2R2A80-0717K Datasheet HTML 1Page - Fujitsu Component Limited. VC-2R2A80-0717K Datasheet HTML 2Page - Fujitsu Component Limited. VC-2R2A80-0717K Datasheet HTML 3Page - Fujitsu Component Limited. VC-2R2A80-0717K Datasheet HTML 4Page - Fujitsu Component Limited. VC-2R2A80-0717K Datasheet HTML 5Page - Fujitsu Component Limited. VC-2R2A80-0717K Datasheet HTML 6Page - Fujitsu Component Limited. VC-2R2A80-0717K Datasheet HTML 7Page - Fujitsu Component Limited. VC-2R2A80-0717K Datasheet HTML 8Page - Fujitsu Component Limited. VC-2R2A80-0717K Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
VC-80 Series
2
s
s
s
s PIN ASSIGNMENT
s
s
s
s PIN DESCRIPTION
s
s
s
s PRODUCT LINEUP (STANDARD MODELS)
Pin No.
Symbol
Description
1
Vt
Control voltage
2GND
GND
3VCC
Power supply voltage
4
OUT
Output
5GND
GND
6GND
GND
7GND
GND
8GND
GND
System
Center Frequency
(MHz)
Band Width
(MHz)
Power Supply
Voltage (V)
Part Number
PDC800 makitori
717
±37.5
2.2
± 0.2
VC-2R2A80-0717K
cdmaOne
739
±19.5
2.8
± 0.1
VC-2R8A80-0739A
PHS
Data communication device
1668
±18.3
3.0
± 0.2
VC-3R0A80-1668N
K-PCS
1635
±15
2.8
± 0.15
VC-2R8A80-1635L
CDMA
967
±13
2.8
± 0.15
VC-2R8A80-0967L
(TOP VIEW)
6
78
4
5
13
2
F


Similar Part No. - VC-2R2A80-0717K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VC-2R5A50-0991 FUJITSU-VC-2R5A50-0991 Datasheet
248Kb / 20P
   ASSP for Mobile Telephone
VC-2R5A50-0991 FUJITSU-VC-2R5A50-0991 Datasheet
229Kb / 20P
   ASSP for Mobile Telephone
VC-2R5A50-1035 FUJITSU-VC-2R5A50-1035 Datasheet
248Kb / 20P
   ASSP for Mobile Telephone
VC-2R5A50-1035 FUJITSU-VC-2R5A50-1035 Datasheet
229Kb / 20P
   ASSP for Mobile Telephone
VC-2R7A50-1635 FUJITSU-VC-2R7A50-1635 Datasheet
248Kb / 20P
   ASSP for Mobile Telephone
More results

Similar Description - VC-2R2A80-0717K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VC-3R0A23 FUJITSU-VC-3R0A23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone
VC-2R8A30 FUJITSU-VC-2R8A30 Datasheet
154Kb / 15P
   ASSP for Mobile Telephone
VC-50 FUJITSU-VC-50 Datasheet
229Kb / 20P
   ASSP for Mobile Telephone
VC-3R0A50 FUJITSU-VC-3R0A50 Datasheet
248Kb / 20P
   ASSP for Mobile Telephone
VC-30 FUJITSU-VC-30 Datasheet
154Kb / 15P
   ASSP for Mobile Telephone
VC-2R8A26 FUJITSU-VC-2R8A26 Datasheet
100Kb / 11P
   ASSP for Mobile Telephone
VC-23 FUJITSU-VC-23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone VCO (800 to 2000 MHz)
logo
Mitsubishi Electric Sem...
MF1151V-2 MITSUBISHI-MF1151V-2 Datasheet
54Kb / 1P
   FOR AMPS MOBILE TELEPHONE, Tx
MF1010S-1 MITSUBISHI-MF1010S-1 Datasheet
133Kb / 1P
   FOR AMPS MOBILE TELEPHONE, Tx
MF1083V-2 MITSUBISHI-MF1083V-2 Datasheet
63Kb / 1P
   FOR DCS MOBILE TELEPHONE, Rx
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com