Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRC04ZO Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRC04ZO
Description  Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRC04ZO Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRC04ZO Datasheet HTML 1Page - NIC-Components Corp. NRC04ZO Datasheet HTML 2Page - NIC-Components Corp. NRC04ZO Datasheet HTML 3Page - NIC-Components Corp. NRC04ZO Datasheet HTML 4Page - NIC-Components Corp. NRC04ZO Datasheet HTML 5Page - NIC-Components Corp. NRC04ZO Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Marking (No marking on 0201 and 0402 size).
1. For E-12 & E-24 Series (±1%=F, ±2% = G,
±5% = J, (STD) Tolerance In 0603, 0805, 1206, 1210, 2010 and 2512 sizes:
3 DIGIT SYSTEM - First two digits are significant and third digit is multiplier, “R” indicates decimal on values under 10 ohms.
Examples: R10 = .10 ohms 1R0 = 1.0 ohms
102 = 1k ohms
470 = 47 ohms
103 = 10k ohms 101 = 100 ohms
104 = 100k ohms 105 = 1 megohms
2. For E-96 Series (
±1%-F Tolerance) in 0805, 1206 and 1210 sizes:
4 DIGIT SYSTEM - First 3 digits are significant and fourth digit is multiplier, “R” indicates decimal on values under 100 ohms.
Examples: 0R10 = .10 ohms
1R00 = 1.0 ohms
10R0 = 10 ohms 1003 = 100 kohms
1000 = 100 ohms
1004 = 1 megohms 1001 = 1k ohms
1052 = 10.5k ohms 1002 = 10k ohms
2213 = 221k ohms
3. For E-96 Series (
±1% -F Tolerance) in 0603 size
3 DIGIT SYSTEM (Due to space restrictions)
Thick Film Chip Resistors
NRC Series
Examples of Resistance Code: 10R0 = 10 ohms
1004 = 1meg ohms
47R5 = 47.5 ohms 1050 = 105 ohms
1000 = 100 ohms
1501 = 1.5K ohms
1001 = 1K ohms
1052 = 10.5K ohms
1002 = 10K ohms 1153 = 115K ohms
1003 = 100K ohms 1214 = 1.21meg ohms
PART NUMBER SYSTEM (E-96 VALUES)
NRC10 F 1003 TR 10 F
RoHS compliant
Optional 10,000 piece reel
Tape & Reel Packaging
Resistance Code: First 3 figures are significant,
4th digit is the multiplier, “R”
indicates a decimal point.
Tolerance Code: F=1% (Std)
Series and Size
Examples of Resistance Code: 4R7 = 4.7 ohms 103 = 10K ohms
100 = 10 ohms
104 = 100K ohms
101 = 100 ohms 105 = 1 meg ohms
102 = 1K ohms
106 = 10meg ohms
CONSTRUCTION
PART NUMBER SYSTEM (E-24 VALUES)
NRC12 J 103 TR 10 F
RoHS compliant
Optional 10,000 piece reel
Tape & Reel Packaging
Resistance Code: First 2 figures are significant,
3rd digit is the multiplier, “R”
indicates a decimal point.
Tolerance Code: J=5% (Std), G=2% (Optional)
Series and Size
NRC02 ~ NRC12
NRC25 ~ NRC100


Similar Part No. - NRC04ZO

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRC04ZO NIC-NRC04ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC04ZO NIC-NRC04ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC04ZO NIC-NRC04ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC04ZO NIC-NRC04ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
logo
List of Unclassifed Man...
NRC04ZO ETC-NRC04ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
More results

Similar Description - NRC04ZO

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com