Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NXA025A0X-SP Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # NXA025A0X-SP
Description  10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NXA025A0X-SP Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button NXA025A0X-SP Datasheet HTML 5Page - Lineage Power Corporation NXA025A0X-SP Datasheet HTML 6Page - Lineage Power Corporation NXA025A0X-SP Datasheet HTML 7Page - Lineage Power Corporation NXA025A0X-SP Datasheet HTML 8Page - Lineage Power Corporation NXA025A0X-SP Datasheet HTML 9Page - Lineage Power Corporation NXA025A0X-SP Datasheet HTML 10Page - Lineage Power Corporation NXA025A0X-SP Datasheet HTML 11Page - Lineage Power Corporation NXA025A0X-SP Datasheet HTML 12Page - Lineage Power Corporation NXA025A0X-SP Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
May 19, 2009
NaosTM NXA025 SMT Non-isolated Power Modules:
10 – 14Vdc Input; 0.8Vdc to 5.5Vdc Output; 25A output current
LINEAGE POWER
9
Test Configurations
TO OSCILLOSCOPE
CURRENT PROBE
LTEST
1μH
CS
220μF
E.S.R.<0.1
Ω
@ 20°C 100kHz
Min
150μF
VIN(+)
COM
NOTE: Measure input reflected ripple current with a simulated
source inductance (LTEST) of 1μH. Capacitor CS offsets
possible battery impedance. Measure current as shown
above.
CIN
Figure 21. Input Reflected Ripple Current Test Setup.
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
VO(+)
COM
1uF .
RESISTIVE
LOAD
SCOPE
COPPER STRIP
GROUND PLANE
10uF
Figure 22. Output Ripple and Noise Test Setup.
VO
COM
VIN(+)
COM
RLOAD
Rcontact
Rdistribution
Rcontact
Rdistribution
Rcontact
Rcontact
Rdistribution
Rdistribution
VIN
VO
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
Figure 23. Output Voltage and Efficiency Test Setup.
η =
VO. IO
VIN. IIN
x 100 %
Efficiency
Typical Application Circuit
Vout
Qx
Rx
4.99k
Dx
Share
SEN+
SEQ/ENA
SEN-
Vin Vin
Vout
Vout
VIN
CIN
Cout
Share
1uF
Figure 24. Application Schematic
Design Considerations
Input Source Impedance
The power module should be connected to a
low-impedance source. Highly inductive source
impedance can affect the stability of the power module.
The input capacitor CIN should be located equal distance
from the two input pins of the module. CIN is
recommended to be 150μF minimum. The ripple voltage
is 50mV RMS at 1MHz and the capacitor should be
chosen with an ESR and an RMS Current Rating for this
amount of ripple voltage. When using multiple modules
in parallel, a small inductor (0.2 –0.5μH) is recommended
at the input of each module to prevent interaction
between modules. Consult the factory for further
application guidelines.
Safety Considerations
For safety agency approval the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standards,
i.e., UL 60950-1, CSA C22.2 No. 60950-1-03, and VDE
0850:2001-12 (EN60950-1) Licensed.
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the
input must meet SELV requirements. The power module
has extra-low voltage (ELV) outputs when all inputs are
ELV.
The input to these units is to be provided with a maximum
of 30 A fast-acting fuse in the ungrounded lead.


Similar Part No. - NXA025A0X-SP

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NXA025A0X-P LINEAGEPOWER-NXA025A0X-P Datasheet
953Kb / 16P
   NaOSTM NXA025 SIP Non-isolated Power Modules
NXA025A0X-PZ LINEAGEPOWER-NXA025A0X-PZ Datasheet
953Kb / 16P
   NaOSTM NXA025 SIP Non-isolated Power Modules
More results

Similar Description - NXA025A0X-SP

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXA010A0X3 LINEAGEPOWER-AXA010A0X3 Datasheet
650Kb / 19P
   10Vdc - 14Vdc input; 0.75Vdc to 5.5Vdc Output;10A Output Current
ATH025A0X3 LINEAGEPOWER-ATH025A0X3 Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
ATH030A0X3-SR LINEAGEPOWER-ATH030A0X3-SR Datasheet
1Mb / 28P
   4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
AXA016A0X3-SR LINEAGEPOWER-AXA016A0X3-SR Datasheet
693Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
APTS020A0X3-SRZ LINEAGEPOWER-APTS020A0X3-SRZ Datasheet
739Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
AXA016A0X3 LINEAGEPOWER-AXA016A0X3 Datasheet
656Kb / 19P
   10 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 16A output current
AXA005A0X-SR LINEAGEPOWER-AXA005A0X-SR Datasheet
583Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
AXA003A0X LINEAGEPOWER-AXA003A0X Datasheet
578Kb / 18P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 3A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com