Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRC04ZO Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRC04ZO
Description  Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRC04ZO Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRC04ZO Datasheet HTML 1Page - NIC-Components Corp. NRC04ZO Datasheet HTML 2Page - NIC-Components Corp. NRC04ZO Datasheet HTML 3Page - NIC-Components Corp. NRC04ZO Datasheet HTML 4Page - NIC-Components Corp. NRC04ZO Datasheet HTML 5Page - NIC-Components Corp. NRC04ZO Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Thick Film Chip Resistors
NRC Series
DIMENSIONS (mm)
Type
Power
Rating
EIA
Size
LW
H
T
t
NRC01
1/32W
01005 0.40 ± 0.02 0.20 ± 0.02 0.13 ± 0.02 0.10 ± 0.03 0.10 ± 0.03
NRC02
1/20W
0201
0.6 ± 0.03
0.3 ± 0.03 0.25 ± 0.05 0.1 ± 0.05 0.15 ± 0.05
NRC04
1/16W
0402 1.0 +0.1/-0.05 0.5 +0.1/-0.05 0.3 ± 0.05
0.2 ± 0.1
0.25 ± 0.1
NRC06
1/10W
0603
1.6 ± 0.15
0.8 ± 0.15
0.45 ± 0.1
0.3 ± 0.15
0.3 ± 0.15
NRC10
1/8W
0805
2.0 ± 0.20 1.25 ± 0.10 0.5 ± 0.10 0.35 ± 0.20 0.35 ± 0.15
NRC12
1/4W
1206
3.1 ± 0.15 1.55 ± 0.15 0.55 ± 0.10 0.45 ± 0.20 0.35 ± 0.15
NRC25
1/3W
1210
3.1 ± 0.15 2.50 ± 0.20 0.55 ± 0.10 0.50 ± 0.20 0.50 ± 0.25
NRC50
3/4W
2010
5.0 ± 0.20 2.50 ± 0.15 0.60 ± 0.10 0.60 ± 0.20 0.50 ± 0.30
NRC100
1W
2512
6.3 ± 0.20 3.20 ± 0.20 0.60 ± 0.10 0.70 ± 0.20 0.70 ± 0.30
NRC01ZO
JUMPER 01005
Same as NRC01
NRC02ZO
JUMPER
0201
Same as NRC02
NRC04ZO
JUMPER
0402
Same as NRC04
NRC06ZO
JUMPER
0603
Same as NRC06
NRC10ZO
JUMPER
0805
Same as NRC10
NRC12ZO
JUMPER
1206
Same as NRC12
NRC25ZO
JUMPER
1210
Same as NRC25
NRC50ZO
JUMPER
2010
Same as NRC50
NRC100ZO
JUMPER
2512
Same as NRC100
Note *2
- Maximum allowable Overload voltage is two times the
Maximum Working Voltage (see Note *1 above).
Note *5 - Please note, NIC’s NRC series products are capable
of meeting the following specifications: JIS-C 5202,
EIAJ RC-2690, EIA575, EIA PDP-100, MIL-R-5542D
and UL94V-0.
Note *4 - Please contact NIC for availability of laser trimmable
versions of 0805 and 1206 sizes parts.
Note *3 - Made to order. Contact NIC for leadtime.
Power rating (Watts) x Resistance (Ohms)
Note *1
- Maximum allowable continuous Working Voltage
for all resistors is the lower of the two values:
“Maximum Working Voltage” as specified above
(or)
Power Derating Curve: For operation above 70°C,
power rating must be derated according to the following chart:
o
C
100
80
60
40
20
0
-20
20
60
100
140 160
125
155
0402/0603/0805/1206/1210/2010/2512
0201
CONSTRUCTION
NRC01 (01005)


Similar Part No. - NRC04ZO

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRC04ZO NIC-NRC04ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC04ZO NIC-NRC04ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC04ZO NIC-NRC04ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC04ZO NIC-NRC04ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
logo
List of Unclassifed Man...
NRC04ZO ETC-NRC04ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
More results

Similar Description - NRC04ZO

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com