Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6319US Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N6319US
Description  VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6319US Datasheet(HTML) 1 Page - Microsemi Corporation

  1N6319US Datasheet HTML 1Page - Microsemi Corporation 1N6319US Datasheet HTML 2Page - Microsemi Corporation 1N6319US Datasheet HTML 3Page - Microsemi Corporation 1N6319US Datasheet HTML 4Page - Microsemi Corporation 1N6319US Datasheet HTML 5Page - Microsemi Corporation 1N6319US Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T4-LDS-0193-1, Rev. 1 (111899)
©2011 Microsemi Corporation
Page 1 of 6
1N6309US thru 1N6355DUS
Available on
commercial
versions
VOIDLESS HERMETICALLY SEALED
500mV GLASS ZENER DIODES
Qualified per MIL-PRF-19500/533
Qualified Levels:
JAN, JANTX, JANTXV
and JANS
DESCRIPTION
This Zener voltage regulator series is military qualified and is ideal for high-reliability
applications where a failure cannot be tolerated. These industry-recognized 0.5 watt Zener
voltage regulators are hermetically sealed with voidless-glass construction using an internal
metallurgical bond. It includes Zener selections from 2.4 to 200 volts in standard 5%
tolerances as well as tighter 1% and 2% tolerances. They are also available in axial leaded
packages. Microsemi also offers numerous other Zener products to meet higher and lower
power ratings in both thru-hole and surface mount packages.
B-SQ Melf Package
Also available in:
DO-35 package
(axial-leaded)
1N6309 – 1N6355D
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
Surface mount equivalent of JEDEC registered 1N6309 thru 1N6355 series.
Voltage tolerances of 1%, 2% and 5% are available. (See part nomenclature.)
Voidless hermetically sealed glass package.
Internal “Category I” metallurgical bonds for 1N6321US thru 1N6355US and “Category III” for
1N6309US thru 1N6320US.
JAN, JANTX, JANTXV, and JANS reliability levels are available per MIL-PRF-19500/533.
RoHS compliant versions available (commercial grade only).
APPLICATIONS / BENEFITS
Small surface mount Melf (“D” Package).
Regulates voltage over a broad operating current and temperature range.
Extensive selection from 2.4 to 200 volts.
Standard and tight voltage tolerances available.
Extremely robust construction.
Non-sensitive to ESD per MIL-STD-750 method 1020.
Inherently radiation hard as described in Microsemi “MicroNote 050”.
MAXIMUM RATINGS
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and TSTG
-65 to +175
oC
Thermal Resistance Junction-to-End Cap
(1)
1N6309US – 1N6320US
1N6321US – 1N6355US
RӨJEC
35
21
oC/W
Thermal Resistance Junction-to-Ambient
(2)
RӨJA
240
oC/W
Steady-State Power Dissipation @ TEC = 150
oC
PD
0.5
W
Forward Voltage @ 1.0 A
VF
1.4
V
Solder Temperature @ 10 s
TSP
260
oC
Notes: 1. See Figure 1 and Figure 2 for derating.
2. TA = +55 °C before derating on printed circuit board (PCB), PCB = FR4 .0625 inch (1.59 mm) 1-layer 1-
Oz Cu, horizontal, still air, pads = .067 inch (1.70 mm) x .105 inch (2.67 mm); strip = .030 inch (0.76
mm) x 1 inch (25.4 mm) long, RΘJA with a defined thermal resistance condition included is measured at
IZ = as defined in the characteristics and ratings table herein.


Similar Part No. - 1N6319US

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6319US CDI-DIODE-1N6319US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N6319US MICROSEMI-1N6319US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
logo
Sensitron
1N6319US SENSITRON-1N6319US Datasheet
127Kb / 4P
   ZENER 500mW VOLTAGE REGULATOR
More results

Similar Description - 1N6319US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
   VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
1N4954US MICROSEMI-1N4954US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B_15 Datasheet
201Kb / 8P
   0.5W Hermetically Sealed Glass Zener Diodes
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com