Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29PL160BD-75PFTN Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MBM29PL160BD-75PFTN
Description  16M (2M x 8/1M x 16) BIT
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29PL160BD-75PFTN Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MBM29PL160BD-75PFTN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29PL160BD-75PFTN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29PL160BD-75PFTN Datasheet HTML 9Page - Fujitsu Component Limited. MBM29PL160BD-75PFTN Datasheet HTML 10Page - Fujitsu Component Limited. MBM29PL160BD-75PFTN Datasheet HTML 11Page - Fujitsu Component Limited. MBM29PL160BD-75PFTN Datasheet HTML 12Page - Fujitsu Component Limited. MBM29PL160BD-75PFTN Datasheet HTML 13Page - Fujitsu Component Limited. MBM29PL160BD-75PFTN Datasheet HTML 14Page - Fujitsu Component Limited. MBM29PL160BD-75PFTN Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
11
MBM29PL160TD-75/-90/MBM29PL160BD-75/-90
*1: A-1 is for Byte mode.
*2: Outputs 01H at protected sector addresses and outputs 00H at unprotected sector addresses.
*3: Outputs 01H at Temporary Sector Unprotect and outputs 00H at Non Temporary Sector Unprotect.
(B): Byte mode
(W): Word mode
Table 4.1 MBM29PL160TD/BD Sector Protection Verify Autoselect Code
Type
A12 to A19
A6
A1
A0
A-1*1
Code
(HEX)
Manufacture’s Code
X
VIL
VIL
VIL
VIL
04H
Device Code
MBM29PL160TD
Byte
XVIL
VIL
VIH
VIL
27H
Word
X
2227H
MBM29PL160BD
Byte
XVIL
VIL
VIH
VIL
45H
Word
X
2245H
Sector Protection
Sector
Addresses
VIL
VIH
VIL
VIL
01H*2
Temporary Sector Unprotection
X
VIL
VIH
VIH
VIL
01H*3
Table 4.2 Expanded Autoselect Code Table
Type
Code DQ15 DQ14 DQ13 DQ12 DQ11 DQ10 DQ9 DQ8 DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0
Manufacture’s Code
04H A-1/0
00000
0
0
00000100
Device
Code
MBM29PL160TD
(B)
27H A-1 HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z
10100111
(W) 2227H
001000
1
0
10100111
MBM29PL160BD
(B)
45H A-1 HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z
01000101
(W)
2245H
001000
1
0
01000101
Sector Protection
01H A-1/0
00000
0
0
00000001
Temporary Sector
Unprotection
01H A-1/0
00000
0
0
00000001


Similar Part No. - MBM29PL160BD-75PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL12LM FUJITSU-MBM29PL12LM Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
MBM29PL12LM10PBT FUJITSU-MBM29PL12LM10PBT Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
MBM29PL12LM10PCN FUJITSU-MBM29PL12LM10PCN Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
More results

Similar Description - MBM29PL160BD-75PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com