Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29LV002TC-90PNS Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MBM29LV002TC-90PNS
Description  2M (256K x 8) BIT
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV002TC-90PNS Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MBM29LV002TC-90PNS Datasheet HTML 4Page - Fujitsu Component Limited. MBM29LV002TC-90PNS Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV002TC-90PNS Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV002TC-90PNS Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV002TC-90PNS Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV002TC-90PNS Datasheet HTML 9Page - Fujitsu Component Limited. MBM29LV002TC-90PNS Datasheet HTML 10Page - Fujitsu Component Limited. MBM29LV002TC-90PNS Datasheet HTML 11Page - Fujitsu Component Limited. MBM29LV002TC-90PNS Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
MBM29LV002TC-70/-90/-12/MBM29LV002BC-70/-90/-12
8
s LOGIC SYMBOL
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse input. See DC Characteristics for voltage levels.
Notes: 1. Manufacturer and device codes may also be accessed via a command register write sequence. See
Table 6.
2. Refer to the section on Sector Protection.
3. WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
4. VCC = 3.3 V ± 10%
5. It is also used for the extended sector protection.
Table 1
MBM29LV002TC/002BC Pin Configuration
Pin
Function
A0 to A17
Address Inputs
DQ0 to DQ7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RY/BY
Ready/Busy Output
RESET
Hardware Reset Pin/Temporary Sector
Unprotection
N.C.
No Internal Connection
VSS
Device Ground
VCC
Device Power Supply
Table 2
MBM29LV002TC/002BC User Bus Operations
Operation
CE
OE
WE
A0
A1
A6
A9
A10
DQ0 to DQ7
RESET
Auto-Select Manufacturer Code (1)
L
L
H
L
L
L
VID
L
Code
H
Auto-Select Device Code (1)
L
L
H
H
L
L
VID
L
Code
H
Read (3)
L
L
H
A0
A1
A6
A9
A10
DOUT
H
Standby
H
XXXXXX
X
HIGH-Z
H
Output Disable
L
H
H
XXXX
X
HIGH-Z
H
Write (Program/Erase)
L
H
L
A0
A1
A6
A9
A10
DIN
H
Enable Sector Protection (2), (4)
L
VID
LHL
VID
XX
H
Verify Sector Protection (2), (4)
L
L
H
L
H
L
VID
L
Code
H
Temporary Sector Unprotection (5)
XXXXXXX
X
X
VID
Reset (Hardware)/Standby
X
X
X
XXXX
X
HIGH-Z
L
18
A0 to A17
WE
OE
CE
DQ 0 to DQ 7
8
RESET
RY/BY


Similar Part No. - MBM29LV002TC-90PNS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV001BC FUJITSU-MBM29LV001BC Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55 FUJITSU-MBM29LV001BC-55 Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55PD FUJITSU-MBM29LV001BC-55PD Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55PFTN FUJITSU-MBM29LV001BC-55PFTN Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55PFTR FUJITSU-MBM29LV001BC-55PFTR Datasheet
421Kb / 49P
   1M (128K x 8) BIT
More results

Similar Description - MBM29LV002TC-90PNS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29F200TC FUJITSU-MBM29F200TC Datasheet
508Kb / 48P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com