Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29LV016B-90PTR Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MBM29LV016B-90PTR
Description  16M (2M x 8) BIT
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV016B-90PTR Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MBM29LV016B-90PTR Datasheet HTML 1Page - Fujitsu Component Limited. MBM29LV016B-90PTR Datasheet HTML 2Page - Fujitsu Component Limited. MBM29LV016B-90PTR Datasheet HTML 3Page - Fujitsu Component Limited. MBM29LV016B-90PTR Datasheet HTML 4Page - Fujitsu Component Limited. MBM29LV016B-90PTR Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV016B-90PTR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV016B-90PTR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV016B-90PTR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV016B-90PTR Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
MBM29LV016T-80/-90/-12/MBM29LV016B-80/-90/-12
s FLEXIBLE SECTOR-ERASE ARCHITECTURE
• One 16K byte, two 8K bytes, one 32K byte, and thirty-one 64K bytes sectors.
• Individual-sector, multiple-sector, or bulk-erase capability.
• Individual or multiple-sector protection is user definable.
MBM29LV016T Top Boot Sector Architecture
Sector
Sector Size
(
× 8) Address Range
SA0
64 Kbytes
00000H to 0FFFFH
SA1
64 Kbytes
10000H to 1FFFFH
SA2
64 Kbytes
20000H to 2FFFFH
SA3
64 Kbytes
30000H to 3FFFFH
SA4
64 Kbytes
40000H to 4FFFFH
SA5
64 Kbytes
50000H to 5FFFFH
SA6
64 Kbytes
60000H to 6FFFFH
SA7
64 Kbytes
70000H to 7FFFFH
SA8
64 Kbytes
80000H to 8FFFFH
SA9
64 Kbytes
90000H to 9FFFFH
SA10
64 Kbytes
A0000H to AFFFFH
SA11
64 Kbytes
B0000H to BFFFFH
SA12
64 Kbytes
C0000H to CFFFFH
SA13
64 Kbytes
D0000H to DFFFFH
SA14
64 Kbytes
E0000H to EFFFFH
SA15
64 Kbytes
F0000H to FFFFFH
SA16
64 Kbytes
100000H to 10FFFFH
SA17
64 Kbytes
110000H to 11FFFFH
SA18
64 Kbytes
120000H to 12FFFFH
SA19
64 Kbytes
130000H to 13FFFFH
SA20
64 Kbytes
140000H to 14FFFFH
SA21
64 Kbytes
150000H to 15FFFFH
SA22
64 Kbytes
160000H to 16FFFFH
SA23
64 Kbytes
170000H to 17FFFFH
SA24
64 Kbytes
180000H to 18FFFFH
SA25
64 Kbytes
190000H to 19FFFFH
SA26
64 Kbytes
1A0000H to 1AFFFFH
SA27
64 Kbytes
1B0000H to 1BFFFFH
SA28
64 Kbytes
1C0000H to 1CFFFFH
SA29
64 Kbytes
1D0000H to 1DFFFFH
SA30
64 Kbytes
1E0000H to 1EFFFFH
SA31
32 Kbytes
1F0000H to 1F7FFFH
SA32
8 Kbytes
1F8000H to 1F9FFFH
SA33
8 Kbytes
1FA000H to 1FBFFFH
SA34
16 Kbytes
1FC000H to 1FFFFFH


Similar Part No. - MBM29LV016B-90PTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV017 FUJITSU-MBM29LV017 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29LV017-12 FUJITSU-MBM29LV017-12 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29LV017-12PBT FUJITSU-MBM29LV017-12PBT Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29LV017-12PBT-SF2 FUJITSU-MBM29LV017-12PBT-SF2 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29LV017-12PTN FUJITSU-MBM29LV017-12PTN Datasheet
600Kb / 52P
   16M (2M X 8) BIT
More results

Similar Description - MBM29LV016B-90PTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F016A FUJITSU-MBM29F016A Datasheet
458Kb / 43P
   16M (2M X 8) BIT
MBM29F017A FUJITSU-MBM29F017A Datasheet
469Kb / 47P
   16M (2M X 8) BIT
MBM29LV017 FUJITSU-MBM29LV017 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com