Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29PL160BD-75 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MBM29PL160BD-75
Description  16M (2M x 8/1M x 16) BIT
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29PL160BD-75 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MBM29PL160BD-75 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29PL160BD-75 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29PL160BD-75 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29PL160BD-75 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29PL160BD-75 Datasheet HTML 9Page - Fujitsu Component Limited. MBM29PL160BD-75 Datasheet HTML 10Page - Fujitsu Component Limited. MBM29PL160BD-75 Datasheet HTML 11Page - Fujitsu Component Limited. MBM29PL160BD-75 Datasheet HTML 12Page - Fujitsu Component Limited. MBM29PL160BD-75 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
9
MBM29PL160TD-75/-90/MBM29PL160BD-75/-90
s FUNCTIONAL DESCRIPTION
Random Read Mode
The MBM29PL160TD/BD has two control functions which must be satisfied in order to obtain data at the outputs.
CE is the power control and should be used for a device selection. OE is the output control and should be used
to gate data to the output pins if a device is selected.
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable
access time (tCE) is the delay from stable addresses and stable CE to valid data at the output pins. The output
enable access time is the delay from the falling edge of OE to valid data at the output pins. (Assuming the
addresses have been stable for at least tACC - tOE time.) See Figure 5.1 for timing specifications. When reading
out a data without changing addresses after powe-up, it is necessary to input hardware reset or to change CE
pin from "H" to "L".
Page Read Mode
The MBM29PL160TD/BD is capable of fast Page read mode and is compatible with the Page mode MASK ROM
read operation. This mode provides faster read access speed for random locations within a page. The Page size
of the MBM29PL160TD/BD device is 8 words, or 16 bytes, within the appropriate Page being selected by the
higheraddress bits A0 to A2 (in the word mode) and A-1 to A2 (in the byte mode) determining the specific word/
bytewithin that page. This is an asynchronous operation with the microprocessor supplying the specific word or
byte location.
The rondom or initial page access is equal to tACC and subsequent Page read access (as long as the locations
specified by the microprocessor fall within that Page) is equivalent to tPACC. Here again, CE selects the device
and OE is the output control and should be used to gate data to the output pins if the device is selected. Fast
Page mode accesses are obtained by keeping A3 to A19 constant and changing A0 to A2 to select the specific
word, or changing A-1 to A2 to select the specific byte, within that page. See Figure 5.2 for timing specifications.
Standby Mode
The MBM29PL160TD/BD has a standby mode, a CMOS standby mode (CE input hel at VCC ±0.3 V.), when the
current consumed is less than 50
µA. During Embedded Algorithm operation, VCC Active current (ICC2) is required
even CE = “H”. The device can be read with standard access time (tCE) from standby modes.
In the standby mode, the outputs are in the high-impedance state, independent of the OE input. If the device
is deselected during erasure or programming, the device will draw active current until the operation is completed.
Automatic Sleep Mode
There is a function called automatic sleep mode to restrain power consumption during read-out of
MBM29PL160TD/BD data. This mode can be used effectively with an application requesting low power
consumption such as handy terminals.
To activate this mode, MBM29PL160TD/BD automatically switches itself to low power mode when addresses
remain stable for 150 ns. It is not necessary to control CE, WE, and OE in this mode. During such mode, the
current consumed is typically 50
µA (CMOS Level).
Standard address access timings provide new data when addresses are changed. While in sleep mode, output
data is latched and always available to the system.
Output Disable
If the OE input is at a logic high level (VIH), output from the device is disabled. This will cause the output pins to
be in a high-impedance state.


Similar Part No. - MBM29PL160BD-75

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL12LM FUJITSU-MBM29PL12LM Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
MBM29PL12LM10PBT FUJITSU-MBM29PL12LM10PBT Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
MBM29PL12LM10PCN FUJITSU-MBM29PL12LM10PCN Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
More results

Similar Description - MBM29PL160BD-75

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com