Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

009201 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 009201
Description  Abgew. PCI Express STV 36pol
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

009201 Datasheet(HTML) 1 Page - ERNI Electronics

  009201 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14,9
25,5
8,03
B2
A1
Board hole pattern (component mounting side)
Lochbild für Leiterplatte (Bestückungsseite)
B12
B18
A18
A12
B1
A2
1.)
6
3
10
1
1,35
9,15
Detail contact area
20°
1,57 across pads
daughter card layout
Layout proposal is in accordance with the PCI Express spezification
12,14
6 x 1 =6
1,49
10
0,71
1,91 ±0,05
8,15
Offset von Führungssteg zu Referenzzapfen
Offset from guiding bar to reference peg
PIN 1
6
10
0,15
7,65
11,66
14,75
1,78
A2
prior notice.
contact one of the ERNI companies
Date
10.06.2014
g
Index
PCIEXP
RT. Angle PCI Express 36 pins
Abgew. PCI Express STV 36pol.
284623
2:1
Information / Tolerances:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
view with dust cover
27,43 ±0,25
min. 0,127 µm Au
2,54
Dim "C"
Oberfläche
contact area
plating
Steckbereich
min. 0,127 µm Au
Sofern nichts anderes angegeben /
unless otherwise notes
2,54
5,84
9,4
009000
16,69
2,54
min. 0,127 µm Au
009001
14,7
11,18
85 Ohm
009801
14,7
11,18
3,18
min. 0,8 µm Au
009701
14,7
11,18
3,18
min. 0,127 µm Au
009601
14,7
11,18
2,54
min. 0,8 µm Au
009501
14,7
11,18
2,54
min. 0,127 µm Au
009401
9,4
5,84
3,18
min. 0,8 µm Au
009301
9,4
5,84
3,18
min. 0,127 µm Au
009201
9,4
5,84
2,54
min. 0,8 µm Au
009101
9,4
5,84
2,54
min. 0,127 µm Au
100 Ohm
009062
20,3
16,69
3,18
min. 0,8 µm Au
009061
14,7
11,18
3,18
min. 0,8 µm Au
009060
9,4
5,84
3,18
min. 0,8 µm Au
009042
20,3
16,69
2,54
min. 0,8 µm Au
009041
14,7
11,18
2,54
min. 0,8 µm Au
009040
9,4
5,84
2,54
min. 0,8 µm Au
009022
20,3
16,69
3,18
min. 0,127 µm Au
009021
14,7
11,18
3,18
min. 0,127 µm Au
009020
9,4
5,84
3,18
min. 0,127 µm Au
009002
20,3
Ident.-Nr.
Part - No.
Maß "A"
Dim "A"
Maß "B"
Dim "B"
Maß "C"
.x
±0
.xx
±0,127
.xxx
±0,05
Mittellinie Leiterplatte
Centerline of daughter card
15,24
M 1:1
NOTES:
Material: LCP GF 30 schwarz
Material: LCP GF 30 black
Galvanik: min. 1,27 µm Unternickelung
über gesamten PIN - Bereich
Gold - Flash im Lötbereich
Plating: min. 1,27 µm Ni entire contact
Gold - Flash plating on contact tails
1.) Fertiglochdurchmesser
finished viadiameter (PTH)
Package: Tray ( 20 pcs. )
Connector printing / labeling:
according to drawing 294775
XXXX_XX ERNI RC X
Datum
Date code (see notes)
25,5


Similar Part No. - 009201

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
009204 ERNI-009204 Datasheet
53Kb / 1P
   Abgew. PCI Express STV 64pol
More results

Similar Description - 009201

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100201710001 ERNI-100201710001 Datasheet
62Kb / 1P
   Abgew. PCI Express STV 36pol.
100101710001 ERNI-100101710001 Datasheet
62Kb / 1P
   Abgew. PCI Express STV 36pol.
100101980001 ERNI-100101980001 Datasheet
62Kb / 1P
   Abgew. PCI Express STV 36pol
100201980001 ERNI-100201980001 Datasheet
62Kb / 1P
   Abgew. PCI Express STV 36pol
100101610001 ERNI-100101610001 Datasheet
80Kb / 1P
   Abgew. PCI Express STV 98pol
484099 ERNI-484099 Datasheet
60Kb / 1P
   Abgew. PCI Express STV 230pol
100101350001 ERNI-100101350001 Datasheet
86Kb / 1P
   Abgew. PCI Express STV 64pol.
284627 ERNI-284627 Datasheet
53Kb / 1P
   Abgew. PCI Express STV 64pol
284631 ERNI-284631 Datasheet
51Kb / 1P
   Abgew. PCI Express STV 98pol
284635 ERNI-284635 Datasheet
82Kb / 1P
   Abgew. PCI Express STV 164pol
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com