Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29DL321BE-12TN Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MBM29DL321BE-12TN
Description  32M (4M x 8/2M x 16) BIT Dual Operation
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL321BE-12TN Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MBM29DL321BE-12TN Datasheet HTML 1Page - Fujitsu Component Limited. MBM29DL321BE-12TN Datasheet HTML 2Page - Fujitsu Component Limited. MBM29DL321BE-12TN Datasheet HTML 3Page - Fujitsu Component Limited. MBM29DL321BE-12TN Datasheet HTML 4Page - Fujitsu Component Limited. MBM29DL321BE-12TN Datasheet HTML 5Page - Fujitsu Component Limited. MBM29DL321BE-12TN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL321BE-12TN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL321BE-12TN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL321BE-12TN Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
MBM29DL32XTE/BE-80/90/12
2
)(Continued)
In the MBM29DL32XTE/BE, a new design concept is implemented, so called “Sliding Bank Architecture”. Under
this concept, the MBM29DL32XTE/BE can be produced a series of devices with different Bank 1/Bank 2 size
combinations; 0.5 Mb/31.5 Mb, 4 Mb/28 Mb, 8 Mb/24 Mb, 16 Mb/16 Mb.
To eliminate bus contention the devices have separate chip enable (CE), write enable (WE), and output enable
(OE) controls.
The MBM29DL32XTE/BE are pin and command set compatible with JEDEC standard E2PROMs. Commands
are written to the command register using standard microprocessor write timings. Register contents serve as
input to an internal state-machine which controls the erase and programming circuitry. Write cycles also internally
latch addresses and data needed for the programming and erase operations.
Typically, each sector can be programmed and verified in about 0.5 seconds.
A sector is typically erased and verified in 1.0 second. (If already completely preprogrammed.)
The devices also feature a sector erase architecture. The sector mode allows each sector to be erased and
reprogrammed without affecting other sectors. The MBM29DL32XTE/BE are erased when shipped from the
factory.
Internally generated and regulated voltages are provided for the program and erase operations. A low VCC detector
automatically inhibits write operations on the loss of power. The end of program or erase is detected by Data
Polling of DQ7, by the Toggle Bit feature on DQ6, or the RY/BY output pin. Once the end of a program or erase
cycle has been completed, the devices internally reset to the read mode.
The MBM29DL32XTE/BE memories electrically erase the entire chip or all bits within a sector simultaneously
via Fowler-Nordhiem tunneling. The bytes/words are programmed one byte/word at a time using the EPROM
programming mechanism of hot electron injection.


Similar Part No. - MBM29DL321BE-12TN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL321BD FUJITSU-MBM29DL321BD Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL321BD-12 FUJITSU-MBM29DL321BD-12 Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL321BD-80 FUJITSU-MBM29DL321BD-80 Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL321BD-80PBT FUJITSU-MBM29DL321BD-80PBT Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL321BD-80PFTN FUJITSU-MBM29DL321BD-80PFTN Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
More results

Similar Description - MBM29DL321BE-12TN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL32XTD FUJITSU-MBM29DL32XTD Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
Fujitsu Component Limit...
MBM29PDS322TE FUJITSU-MBM29PDS322TE Datasheet
694Kb / 66P
   32M (2M x 16) BIT Page Dual Operation
logo
Sharp Corporation
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
   CMOS 32M (4M x 8/2M x 16) MROM
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F033C FUJITSU-MBM29F033C Datasheet
478Kb / 46P
   32M (4M X 8) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29L3211 MCNIX-MX29L3211 Datasheet
659Kb / 38P
   32M-BIT [4M x 8/2M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com