Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8CDR9 Datasheet(PDF) 11 Page - Texas Instruments

Part # COP8CDR9
Description  COP8CBR9/COP8CCR9/COP8CDR9 8-Bit CMOS Flash Microcontroller with 32k Memory
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CDR9 Datasheet(HTML) 11 Page - Texas Instruments

Back Button COP8CDR9 Datasheet HTML 7Page - Texas Instruments COP8CDR9 Datasheet HTML 8Page - Texas Instruments COP8CDR9 Datasheet HTML 9Page - Texas Instruments COP8CDR9 Datasheet HTML 10Page - Texas Instruments COP8CDR9 Datasheet HTML 11Page - Texas Instruments COP8CDR9 Datasheet HTML 12Page - Texas Instruments COP8CDR9 Datasheet HTML 13Page - Texas Instruments COP8CDR9 Datasheet HTML 14Page - Texas Instruments COP8CDR9 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
3
Electrical Specifications
3.1
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
7V
Voltage at Any Pin
−0.3V to VCC +0.3V
Total Current into VCC Pin (Source)
200 mA
Total Current out of GND Pin (Sink)
200 mA
Storage Temperature Range
−65°C to +140°C
ESD Protection Level
2 kV (Human Body Model)
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications are not
ensured when operating the device at absolute maximum ratings.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
3.2
Electrical Characteristics DC Electrical Characteristics (
−40°C ≤ T
A ≤ +85°C)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
2.7
5.5
V
Power Supply Rise Time
10
50 x 106
ns
Power Supply Ripple(1)
Peak-to-Peak
0.1 VCC
V
Supply Current(2)
High Speed Mode
CKI = 10 MHz
VCC = 5.5V, tC = 0.5 μs
13.2
mA
CKI = 3.33 MHz
VCC = 4.5V, tC = 1.5 μs
6
mA
Dual Clock Mode
CKI = 10 MHz, Low Speed OSC = 32 kHz
VCC = 5.5V, tC = 0.5 μs
13.2
mA
CKI = 3.33 MHz, Low Speed OSC = 32 kHz
VCC = 4.5V, tC = 1.5 μs
6
mA
Low Speed Mode
Low Speed OSC = 32 kHz
VCC = 5.5V
60
103
μA
HALT Current with BOR Disabled(3)
High Speed Mode
VCC = 5.5V, CKI = 0 MHz
<2
10
μA
Dual Clock Mode
VCC = 5.5V, CKI = 0 MHz, Low
<5
17
μA
Speed OSC = 32 kHz
Low Speed Mode
VCC = 5.5V, CKI = 0 MHz, Low
<5
17
μA
Speed OSC = 32 kHz
Idle Current(2)
High Speed Mode
CKI = 10 MHz
VCC = 5.5V, tC = 0.5 μs
2.5
mA
CKI = 3.33 MHz
VCC = 4.5V, tC = 1.5 μs
1.2
mA
Dual Clock Mode
CKI = 10 MHz, Low Speed OSC = 32 kHz
VCC = 5.5V, tC = 0.5 μs
2.5
mA
CKI = 3.33 MHz, Low Speed OSC = 32 kHz
VCC = 4.5V, tC = 1.5 μs
1.2
mA
Low Speed Mode
Low Speed OSC = 32 kHz
VCC = 5.5V
15
30
μA
(1)
Maximum rate of voltage change must be < 0.5 V/ms.
(2)
Supply and IDLE currents are measured with CKI driven with a square wave Oscillator, CKO driven 180° out of phase with CKI, inputs
connected to VCC and outputs driven low but not connected to a load.
(3)
The HALT mode will stop CKI from oscillating. Measurement of IDD HALT is done with device neither sourcing nor sinking current; with
L. A. B, C, E, F, G0, and G2–G5 programmed as low outputs and not driving a load; all D outputs programmed low and not driving a
load; all inputs tied to VCC; A/D converter and clock monitor and BOR disabled. Parameter refers to HALT mode entered via setting bit 7
of the G Port data register.
Copyright © 2000–2013, Texas Instruments Incorporated
Electrical Specifications
11
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9


Similar Part No. - COP8CDR9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8CDR9 NSC-COP8CDR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CDR9HLQ7 NSC-COP8CDR9HLQ7 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CDR9HLQ8 NSC-COP8CDR9HLQ8 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CDR9HVA7 NSC-COP8CDR9HVA7 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CDR9HVA8 NSC-COP8CDR9HVA8 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
More results

Similar Description - COP8CDR9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP8CBR9 TI1-COP8CBR9_15 Datasheet
2Mb / 111P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 32k Memory
COP8SBR9 TI1-COP8SBR9_15 Datasheet
1Mb / 104P
[Old version datasheet]   8-Bit CMOS Flash Based Microcontroller with 32k Memory
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC ATMEL-AT89C51RC_08 Datasheet
540Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
logo
National Semiconductor ...
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
logo
ATMEL Corporation
AT89C51RC2-RLRIM ATMEL-AT89C51RC2-RLRIM Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2 ATMEL-AT89C51RC2 Datasheet
1Mb / 125P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RB2 ATMEL-T89C51RB2_06 Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com