Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8SGK5 Datasheet(PDF) 4 Page - Texas Instruments

Part # COP8SGK5
Description  COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8SGK5 Datasheet(HTML) 4 Page - Texas Instruments

  COP8SGK5 Datasheet HTML 1Page - Texas Instruments COP8SGK5 Datasheet HTML 2Page - Texas Instruments COP8SGK5 Datasheet HTML 3Page - Texas Instruments COP8SGK5 Datasheet HTML 4Page - Texas Instruments COP8SGK5 Datasheet HTML 5Page - Texas Instruments COP8SGK5 Datasheet HTML 6Page - Texas Instruments COP8SGK5 Datasheet HTML 7Page - Texas Instruments COP8SGK5 Datasheet HTML 8Page - Texas Instruments COP8SGK5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
COP8SGE5, COP8SGE7, COP8SGH5
COP8SGK5, COP8SGR5, COP8SGR7
SNOS516E – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
Single Byte/Single Cycle Code Execution
The efficiency is due to the fact that the majority of instructions are of the single byte variety, resulting in
minimum program space. Because compact code does not occupy a substantial amount of program memory
space, designers can integrate additional features and functionality into the microcontroller program memory
space. Also, the majority instructions executed by the device are single cycle, resulting in minimum program
execution time. In fact, 77% of the instructions are single byte single cycle, providing greater code and I/O
efficiency, and faster code execution.
Many Single-Byte, Multifunction Instructions
The COP8 instruction set utilizes many single-byte, multifunction instructions. This enables a single instruction to
accomplish multiple functions, such as DRSZ, DCOR, JID, LD (Load) and X (Exchange) instructions with post-
incrementing and post-decrementing, to name just a few examples. In many cases, the instruction set can
simultaneously execute as many as three functions with the same single-byte instruction.
JID: (Jump Indirect); Single byte instruction; decodes external events and jumps to corresponding service
routines (analogous to “DO CASE” statements in higher level languages).
LAID: (Load Accumulator-Indirect); Single byte look up table instruction provides efficient data path from the
program memory to the CPU. This instruction can be used for table lookup and to read the entire program
memory for checksum calculations.
RETSK: (Return Skip); Single byte instruction allows return from subroutine and skips next instruction. Decision
to branch can be made in the subroutine itself, saving code.
AUTOINC/DEC: (Auto-Increment/Auto-Decrement); These instructions use the two memory pointers B and X to
efficiently process a block of data (analogous to “FOR NEXT” in higher level languages).
Bit-Level Control
Bit-level control over many of the microcontroller's I/O ports provides a flexible means to ease layout concerns
and save board space. All members of the COP8 family provide the ability to set, reset and test any individual bit
in the data memory address space, including memory-mapped I/O ports and associated registers.
Register Set
Three memory-mapped pointers handle register indirect addressing and software stack pointer functions. The
memory data pointers allow the option of post-incrementing or post-decrementing with the data movement
instructions (LOAD/EXCHANGE). And 15 memory-maped registers allow designers to optimize the precise
implementation of certain specific instructions.
EMI REDUCTION
The COP8SGx5 family of devices incorporates circuitry that guards against electromagnetic interference—an
increasing problem in today's microcontroller board designs. TI's patented EMI reduction technology offers low
EMI clock circuitry, gradual turn-on output drivers (GTOs) and internal ICC smoothing filters, to help circumvent
many of the EMI issues influencing embedded control designs. TI has achieved 15 dB–20 dB reduction in EMI
transmissions when designs have incorporated its patented EMI reducing circuitry.
PACKAGING/PIN EFFICIENCY
Real estate and board configuration considerations demand maximum space and pin efficiency, particularly given
today's high integration and small product form factors. Microcontroller users try to avoid using large packages to
get the I/O needed. Large packages take valuable board space and increases device cost, two trade-offs that
microcontroller designs can ill afford.
The COP8 family offers a wide range of packages and do not waste pins: up to 90.9% (or 40 pins in the 44-pin
package) are devoted to useful I/O.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: COP8SGE5 COP8SGE7 COP8SGH5 COP8SGK5 COP8SGR5 COP8SGR7


Similar Part No. - COP8SGK5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGK5 NSC-COP8SGK5 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGK5 NSC-COP8SGK5 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGK5 NSC-COP8SGK5 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGK528D3 NSC-COP8SGK528D3 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGK528D6 NSC-COP8SGK528D6 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
More results

Similar Description - COP8SGK5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SG NSC-COP8SG Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
logo
National Semiconductor ...
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com