Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP3BT23Y98AWMNOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # CP3BT23Y98AWMNOPB
Description  CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
Download  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3BT23Y98AWMNOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button CP3BT23Y98AWMNOPB Datasheet HTML 7Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 8Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 9Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 10Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 11Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 12Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 13Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 14Page - Texas Instruments CP3BT23Y98AWMNOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 324 page
background image
DS284
CP3BT23
(LQFP-128)
RF Interface
RFDATA
PGO/RFSYNC
PG1/RFCE
PG2/BTSEQ1/SRCLK
PE0/RXD0
PE1/TXD0
PE2/RTS
PE3/CTS
PG3/SCLK
PG4/SDAT
PG5/SLE
PE5/SRFS/NMI
UART0
PE4/CKX/TB
UART0/MFT
Microwire/
SPI/
VTU
PF0/MSK/TIO1
PF1/MDIDO/TIO2
PF2/MDODO/TIO3
PF3/MWCS/TIO4
AAI/
VTU
PF4/SCK/TIO5
PF5/SFS/TIO6
PF6/STD/TIO7
PF7/SRD/TIO8
RF/AAI
AAI/NMI
X1CKI/BBCLK
12 MHz Crystal
or Ext. Clock
X1CKO
X2CKI
32.768 kHz
Crystal
X2CKO
ADVCC
GND
IOVCC
ADGND
6
VCC
ENV0
Mode
Selection
ENV1
Power
Supply
RESET
Chip Reset
PG7/BTSEQ3/
TA
RF/MFT
TMS
TCK
RDY
TDI
TDO
JTAG I/F to
Debugger/
Programmer
6
15
ENV2
1
1
ADC0/TSX+
ADC1/TSY+
ADC2/TSX-
ADC3/TSY-
ADC4/MUXOUT0
ADC5/MUXOUT1
ADC6
ADC7/ADCIN
PJ7/ASYNC/
WUI9
VREFP
ADC/
Touchscreen
IOGND
14
SDA
ACCESS.bus
SCL
PH0/RXD1/WUI11
PH1/TXD1/WUI12
UART1/MIWU
PH2/RXD1/WUI13
PH3/TXD1/WUI14
UART2/MIWU
PH4/RXD1/WUI15
PH5/TXD1/WUI16
UART3/MIWU
MIWU
PG6/BTSEQ2/WUI10
PJ0/WUI18
PJ1/WUI19
PJ2/WUI20
PJ3/WUI21
PJ4/WUI22
PJ5/WUI23
PJ6/WUI24
8
8
PB[7:0]
PC[7:0]
GPIO
AVCC
AGND
1
1
X1CKI/BBCLK
12 MHz Crystal
or Ext. Clock
External
Bus
Interface
X1CKO
X2CKI
32.768 kHz
Crystal
RF Interface
X2CKO
ADVCC
GND
IOVCC
ADGND
6
VCC
RFDATA
PGO/RFSYNC
PG1/RFCE
CP3BT23
(LQFP-144)
SDA
ACCESS.bus
SCL
ENV0
Mode
Selection
ENV1
PE0/RXD0
PE1/TXD0
PE2/RTS
PE3/CTS
PG3/SCLK
PG4/SDAT
PG5/SLE
Power
Supply
RESET
Chip Reset
PE5/SRFS/NMI
UART0
PE4/CKX/TB
UART0/MFT
PG7/BTSEQ3/
TA
RF/MFT
TMS
TCK
RDY
TDI
TDO
JTAG I/F to
Debugger/
Programmer
Microwire/
SPI/
VTU
PF0/MSK/TIO1
PF1/MDIDO/TIO2
PF2/MDODO/TIO3
PF3/MWCS/TIO4
AAI/
VTU
PF4/SCK/TIO5
PF5/SFS/TIO6
PF6/STD/TIO7
PF7/SRD/TIO8
6
10
8
8
23
ENV2
PB[7:0]
PC[7:0]
A[22:0]
SEL0
SEL1
SEL2
SELIO
WR0
WR1
RD
RF/AAI
AAI/NMI
1
1
PH0/RXD1/WUI11
PH1/TXD1/WUI12
ADC0/TSX+
ADC1/TSY+
ADC2/TSX-
ADC3/TSY-
ADC4/MUXOUT0
ADC5/MUXOUT1
ADC6
ADC7/ADCIN
PJ7/ASYNC/
WUI9
VREFP
ADC/
Touchscreen
IOGND
11
UART1/MIW
PH2/RXD1/WUI13
PH3/TXD1/WUI14
UART2/MIW
PH4/RXD1/WUI15
PH5/TXD1/WUI16
UART3/MIW
AVCC
AGND
1
1
PE6/CAN1RX
CAN1 Bus
PE7/CAN1TX
PE6/CAN1RX
CAN1 Bus
PE7/CAN1TX
PH6/CAN0RX/
WUI17
PH7/CAN0TX
CAN0 Bus/MIWU
CAN0 Bus
PH6/CAN0RX/
WUI17
PH7/CAN0TX
CAN0 Bus/MIWU
CAN0 Bus
RF/MIWU
PG2/BTSEQ1/SRCLK
PG6/BTSEQ2/WUI10
PJ0/WUI18
MIWU
RF/MIWU
CP3BT23
www.ti.com
SNOSCX3A – JULY 2013 – REVISED JANUARY 2014
4
Signal Descriptions
Figure 4-1. CP3BT23 Device SIgnals
Some pins may be enabled as general-purpose I/O-port pins or as alternate functions associated with
specific peripherals or interfaces. These pins may be individually configured as port pins, even when the
associated peripheral or interface is enabled. Table 4-1 describes the device signals for the LQFP-128
package. Table 4-2 describes the device signals for the LQFP-144 package.
Copyright © 2013–2014, Texas Instruments Incorporated
Signal Descriptions
11
Submit Documentation Feedback
Product Folder Links: CP3BT23


Similar Part No. - CP3BT23Y98AWMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
More results

Similar Description - CP3BT23Y98AWMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
logo
National Semiconductor ...
CP3BT26 NSC-CP3BT26 Datasheet
3Mb / 278P
   Reprogrammable Connectivity Processor with Bluetooth-R, USB, and CAN Interfaces
CP3BT13 NSC-CP3BT13 Datasheet
3Mb / 232P
   CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
CP3BT10 NSC-CP3BT10 Datasheet
3Mb / 210P
   Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3CN23 NSC-CP3CN23 Datasheet
3Mb / 246P
   CP3CN23 Reprogrammable Connectivity Processor with Dual CAN Interfaces
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
   Reprogrammable Connectivity Processor with USB and CAN Interfaces
CP3SP33 NSC-CP3SP33 Datasheet
146Kb / 6P
   CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
CP3CN17 NSC-CP3CN17 Datasheet
3Mb / 220P
   Reprogrammable Connectivity Processor with CAN Interface
logo
Texas Instruments
CP3SP33 TI1-CP3SP33 Datasheet
2Mb / 407P
[Old version datasheet]   Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
logo
National Semiconductor ...
CP3UB17 NSC-CP3UB17 Datasheet
3Mb / 200P
   CP3UB17 Reprogrammable Connectivity Processor with USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com