Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29LV001TC-55PFTR Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MBM29LV001TC-55PFTR
Description  1M (128K x 8) BIT
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV001TC-55PFTR Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MBM29LV001TC-55PFTR Datasheet HTML 1Page - Fujitsu Component Limited. MBM29LV001TC-55PFTR Datasheet HTML 2Page - Fujitsu Component Limited. MBM29LV001TC-55PFTR Datasheet HTML 3Page - Fujitsu Component Limited. MBM29LV001TC-55PFTR Datasheet HTML 4Page - Fujitsu Component Limited. MBM29LV001TC-55PFTR Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV001TC-55PFTR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV001TC-55PFTR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV001TC-55PFTR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV001TC-55PFTR Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
3
MBM29LV001TC-55/-70/MBM29LV001BC-55/-70
s GENERAL DESCRIPTION
The MBM29LV001TC/BC are a 1M-bit, 3.0 V-only Flash memory organized as 128K bytes of 8 bits each. The
MBM29LV001TC/BC are offered in a 32-pin TSOP(I) and 32-pin PLCC packages. These devices are designed
to be programmed in-system with the standard system 3.0 V VCC supply. 12.0 V VPP and 5.0 V VCC are not required
for write or erase operations. The devices can also be reprogrammed in standard EPROM programmers.
The standard MBM29LV001TC/BC offer access times 55 ns and 70 ns, allowing operation of high-speed
microprocessors without wait states. To eliminate bus contention the devices have separate chip enable (CE),
write enable (WE), and output enable (OE) controls.
The MBM29LV001TC/BC are pin and command set compatible with JEDEC standard E2PROMs. Commands
are written to the command register using standard microprocessor write timings. Register contents serve as
input to an internal state-machine which controls the erase and programming circuitry. Write cycles also internally
latch addresses and data needed for the programming and erase operations. Reading data out of the devices
is similar to reading from 5.0 V and 12.0 V Flash or EPROM devices.
The MBM29LV001TC/BC are programmed by executing the program command sequence. This will invoke the
Embedded Program Algorithm which is an internal algorithm that automatically times the program pulse widths
and verifies proper cell margin. Typically, each sector can be programmed and verified in about 0.5 seconds.
Erase is accomplished by executing the erase command sequence. This will invoke the Embedded Erase
Algorithm which is an internal algorithm that automatically preprograms the array if it is not already programmed
before executing the erase operation. During erase, the devices automatically time the erase pulse widths and
verify proper cell margin.
Any individual sector is typically erased and verified in 1.0 second. (If already completely preprogrammed.)
The devices also feature a sector erase architecture. The sector mode allows each sector to be erased and
reprogrammed without affecting other sectors. The MBM29LV001TC/BC are erased when shipped from the
factory.
The devices feature single 3.0 V power supply operation for both read and write functions. Internally generated
and regulated voltages are provided for the program and erase operations. A low VCC detector automatically
inhibits write operations on the loss of power. The end of program or erase is detected by Data Polling of DQ7,
by the Toggle Bit feature on DQ6. Once the end of a program or erase cycle has been completed, the devices
internally reset to the read mode.
Fujitsu’s Flash technology combines years of EPROM and E2PROM experience to produce the highest levels
of quality, reliability, and cost effectiveness. The MBM29LV001TC/BC memories electrically erase the entire chip
or all bits within a sector simultaneously via Fowler-Nordhiem tunneling. The bytes are programmed one byte
at a time using the EPROM programming mechanism of hot electron injection.


Similar Part No. - MBM29LV001TC-55PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV002BC FUJITSU-MBM29LV002BC Datasheet
436Kb / 52P
   2M (256K x 8) BIT
MBM29LV002BC-12 FUJITSU-MBM29LV002BC-12 Datasheet
436Kb / 52P
   2M (256K x 8) BIT
MBM29LV002BC-12PNS FUJITSU-MBM29LV002BC-12PNS Datasheet
436Kb / 52P
   2M (256K x 8) BIT
MBM29LV002BC-12PTN FUJITSU-MBM29LV002BC-12PTN Datasheet
436Kb / 52P
   2M (256K x 8) BIT
MBM29LV002BC-12PTR FUJITSU-MBM29LV002BC-12PTR Datasheet
436Kb / 52P
   2M (256K x 8) BIT
More results

Similar Description - MBM29LV001TC-55PFTR

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
logo
Toshiba Semiconductor
TC531001 TOSHIBA-TC531001 Datasheet
235Kb / 5P
   1M BIT (128K WORD x 8 BIT) CMOS MASK ROM
logo
Sharp Corporation
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
   CMOS 1M (128K x 8) MROM
LH531V00 SHARP-LH531V00 Datasheet
60Kb / 6P
   CMOS 1M (128K x 8) MROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com