Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP3BT23G18AWMNOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # CP3BT23G18AWMNOPB
Description  CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
Download  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3BT23G18AWMNOPB Datasheet(HTML) 1 Page - Texas Instruments

  CP3BT23G18AWMNOPB Datasheet HTML 1Page - Texas Instruments CP3BT23G18AWMNOPB Datasheet HTML 2Page - Texas Instruments CP3BT23G18AWMNOPB Datasheet HTML 3Page - Texas Instruments CP3BT23G18AWMNOPB Datasheet HTML 4Page - Texas Instruments CP3BT23G18AWMNOPB Datasheet HTML 5Page - Texas Instruments CP3BT23G18AWMNOPB Datasheet HTML 6Page - Texas Instruments CP3BT23G18AWMNOPB Datasheet HTML 7Page - Texas Instruments CP3BT23G18AWMNOPB Datasheet HTML 8Page - Texas Instruments CP3BT23G18AWMNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 324 page
background image
CPU Core Bus
12 MHz and 32 kHz
Oscillator
Peripheral Bus
PLL and Clock
Generator
Power-on-Reset
Bus
Interface
Unit
Peripheral
Bus
Controller
Serial
Debug
Interface
DMA
Controller
Interrupt
Control
Unit
CVSD/PCM
Converter
Power
Manage-
ment
Timing and
Watchdog
Unit
8-Channel
12-bit ADC
Versatile
Timer Unit
Muti-Func-
tion Timer
Multi-Input
Wake-Up
GPIO
Audio
Interface
Microwiire/
SPI
Quad UART
Clock Generator
Protocol
Core
RF Interface
Bluetooth Lower
Link Controller
4.5K Bytes
Data RAM
1K Byte
Sequencer RAM
DS283
256K Bytes
Flash
Program
Memory
8K Bytes
Flash
Data
32K Bytes
Static
RAM
CR16C
CPU Core
ACCESS
.bus
Dual
CAN 2.0B
Controller
Random
Number
Generator
CP3BT23
www.ti.com
SNOSCX3A – JULY 2013 – REVISED JANUARY 2014
CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN
Interfaces
Check for Samples: CP3BT23
1
Description
The CP3BT23 connectivity processor combines high performance with the massive integration needed for
embedded Bluetooth applications. A powerful RISC core with on-chip SRAM and Flash memory provides
high computing bandwidth, hardware communications peripherals provide highI/O bandwidth, and an
external bus provides system expandability.
On-chip communications peripherals include: Bluetooth Lower Link Controller, dual CAN controllers,
Microwire/Plus, SPI, ACCESS.bus, quad UART, 12-bit A/D converter, and Advanced Audio Interface
(AAI). Additional on-chip peripherals include Random Number Generator (RNG), DMA controller,
CVSD/PCM conversion module, Timing and Watchdog Unit, Versatile Timer Unit, Multi-Function Timer,
and Multi-Input Wake-Up (MIWU) unit.
Bluetooth hand-held devices can be both smaller and lower in cost for maximum consumer appeal. The
low voltage and advanced power-saving modes achieve new design points in the trade-off between
battery size and operating time for handheld and portable applications.
In addition to providing the features needed for the next generation of embedded Bluetooth products, the
CP3BT23 is backed up by the software resources designers need for rapid time-to-market, including an
operating system, Bluetooth protocol stack implementation, peripheral drivers, reference designs, and an
integrated development environment. Combined with a Bluetooth radio transceiver such as Texas
Instruments’ LMX5252, the CP3BT23 provides a complete Bluetooth system solution.
Texas Instruments offers a complete and industry-proven application development environment for
CP3BT23 applications, including the IAR Embedded Workbench, iSYSTEM winIDEA and iC3000 Active
Emulator, Bluetooth Development Board, Bluetooth Protocol Stack, and Application Software.
1
1.1
FUNCTIONAL BLOCK DIAGRAM
Figure 1-1. Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2013–2014, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - CP3BT23G18AWMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
More results

Similar Description - CP3BT23G18AWMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
logo
National Semiconductor ...
CP3BT26 NSC-CP3BT26 Datasheet
3Mb / 278P
   Reprogrammable Connectivity Processor with Bluetooth-R, USB, and CAN Interfaces
CP3BT13 NSC-CP3BT13 Datasheet
3Mb / 232P
   CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
CP3BT10 NSC-CP3BT10 Datasheet
3Mb / 210P
   Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3CN23 NSC-CP3CN23 Datasheet
3Mb / 246P
   CP3CN23 Reprogrammable Connectivity Processor with Dual CAN Interfaces
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
   Reprogrammable Connectivity Processor with USB and CAN Interfaces
CP3SP33 NSC-CP3SP33 Datasheet
146Kb / 6P
   CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
CP3CN17 NSC-CP3CN17 Datasheet
3Mb / 220P
   Reprogrammable Connectivity Processor with CAN Interface
logo
Texas Instruments
CP3SP33 TI1-CP3SP33 Datasheet
2Mb / 407P
[Old version datasheet]   Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
logo
National Semiconductor ...
CP3UB17 NSC-CP3UB17 Datasheet
3Mb / 200P
   CP3UB17 Reprogrammable Connectivity Processor with USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com