Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29DL323BD-90 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MBM29DL323BD-90
Description  32M (4M X 8/2M X 16) BIT Dual Operation
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL323BD-90 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MBM29DL323BD-90 Datasheet HTML 1Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 2Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 3Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 4Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
DS05-20873-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
32M (4M
× 8/2M × 16) BIT Dual Operation
MBM29DL32XTD/BD-80/90/12
s FEATURES
• 0.33
µm Process Technology
• Simultaneous Read/Write operations (dual bank)
Multiple devices available with different bank sizes (Refer to Table 1)
Host system can program or erase in one bank, then immediately and simultaneously read from the other bank
Zero latency between read and write operations
Read-while-erase
Read-while-program
• Single 3.0 V read, program, and erase
Minimizes system level power requirements
(Continued)
s PRODUCT LINE UP
s PACKAGES
Part No.
MBM29DL32XTD/MBM29DL32XBD
Ordering Part No.
VCC = 3.3 V
+0.3 V
–0.3 V
80
VCC = 3.0 V
+0.6 V
–0.3 V
—90
12
Max. Address Access Time (ns)
80
90
120
Max. CE Access Time (ns)
80
90
120
Max. OE Access Time (ns)
30
35
50
48-pin plastic TSOP (I)
(FPT-48P-M19)
48-pin plastic TSOP (I)
(FPT-48P-M20)
57-ball plastic FBGA
(BGA-57P-M01)
Marking Side
Marking Side
Em\edded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29DL323BD-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL323BE FUJITSU-MBM29DL323BE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL323BE-12PBT FUJITSU-MBM29DL323BE-12PBT Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL323BE-12TN FUJITSU-MBM29DL323BE-12TN Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL323BE-12TR FUJITSU-MBM29DL323BE-12TR Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL323BE-80PBT FUJITSU-MBM29DL323BE-80PBT Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
More results

Similar Description - MBM29DL323BD-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL32XTE FUJITSU-MBM29DL32XTE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
Fujitsu Component Limit...
MBM29PDS322TE FUJITSU-MBM29PDS322TE Datasheet
694Kb / 66P
   32M (2M x 16) BIT Page Dual Operation
logo
Sharp Corporation
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
   CMOS 32M (4M x 8/2M x 16) MROM
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F033C FUJITSU-MBM29F033C Datasheet
478Kb / 46P
   32M (4M X 8) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29L3211 MCNIX-MX29L3211 Datasheet
659Kb / 38P
   32M-BIT [4M x 8/2M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com