Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29F400TC-70PFTN Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MBM29F400TC-70PFTN
Description  4M (512K X 8/256K X 16) BIT
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F400TC-70PFTN Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MBM29F400TC-70PFTN Datasheet HTML 1Page - Fujitsu Component Limited. MBM29F400TC-70PFTN Datasheet HTML 2Page - Fujitsu Component Limited. MBM29F400TC-70PFTN Datasheet HTML 3Page - Fujitsu Component Limited. MBM29F400TC-70PFTN Datasheet HTML 4Page - Fujitsu Component Limited. MBM29F400TC-70PFTN Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F400TC-70PFTN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F400TC-70PFTN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F400TC-70PFTN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F400TC-70PFTN Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
3
MBM29F400TC-55/-70/-90/MBM29F400BC-55/-70/-90
s GENERAL DESCRIPTION
The MBM29F400TC/BC is a 4M-bit, 5.0 V-only Flash memory organized as 512K bytes of 8 bits each or 256K
words of 16 bits each. The MBM29F400TC/BC is offered in a 48-pin TSOP and 44-pin SOP packages. This
device is designed to be programmed in-system with the standard system 5.0 V VCC supply. 12.0 V VPP is not
required for write or erase operations. The devices can also be reprogrammed in standard EPROM programmers.
The standard MBM29F400TC/BC offers access times 55 ns and 90 ns allowing operation of high-speed
microprocessors without wait states. To eliminate bus contention the device has separate chip enable (CE), write
enable (WE), and output enable (OE) controls.
The MBM29F400TC/BC is pin and command set compatible with JEDEC standard. Commands are written to
the command register using standard microprocessor write timings. Register contents serve as input to an
internal state-machine which controls the erase and programming circuitry. Write cycles also internally latch
addresses and data needed for the programming and erase operations. Reading data out of the devices is similar
to reading from12.0 V Flash or EPROM devices.
The MBM29F400TC/BC is programmed by executing the program command sequence. This will invoke the
Embedded Program Algorithm which is an internal algorithm that automatically times the program pulse widths
and verifies proper cell margin. Typically, each sector can be programmed and verified in less than 0.5 seconds.
Erase is accomplished by executing the erase command sequence. This will invoke the Embedded Erase
Algorithm which is an internal algorithm that automatically preprograms the array if it is not already programmed
before executing the erase operation. During erase, the device automatically times the erase pulse widths and
verifies proper cell margin.
A sector is typically erased and verified in 1.0 second (if already completely preprogrammed.).
The devices also features a sector erase architecture. The sector mode allows each sector to be erased and
reprogrammed without affecting other sectors. The MBM29F400TC/BC is erased when shipped from the factory.
The devices features single 5.0 V power supply operation for both read and write functions. Internally generated
and regulated voltages are provided for the program and erase operations. A low VCC detector automatically
inhibits write operations on the loss of power. The end of program or erase is detected by Data Polling of DQ7,
by the Toggle Bit feature on DQ6, or the RY/BY output pin. Once the end of a program or erase cycle has been
completed, the device internally resets to the read mode.
Fujitsu’s Flash technology combines years of EPROM and E2PROM experience to produce the highest levels
of quality, reliability, and cost effectiveness. The MBM29F400TC/BC memory electrically erase the entire chip
or all bits within a sector simultaneously via Fowler-Nordhiem tunneling. The bytes/words are programmed one
byte/word at a time using the EPROM programming mechanism of hot electron injection.


Similar Part No. - MBM29F400TC-70PFTN

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F400TC-70PFTN SPANSION-MBM29F400TC-70PFTN Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
More results

Similar Description - MBM29F400TC-70PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
   4M (512K X 8) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
   4M (512K X 8) BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com