Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29F800TA-55PFTN Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MBM29F800TA-55PFTN
Description  8M (1M X 8/512K X 16) BIT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F800TA-55PFTN Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MBM29F800TA-55PFTN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F800TA-55PFTN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F800TA-55PFTN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F800TA-55PFTN Datasheet HTML 9Page - Fujitsu Component Limited. MBM29F800TA-55PFTN Datasheet HTML 10Page - Fujitsu Component Limited. MBM29F800TA-55PFTN Datasheet HTML 11Page - Fujitsu Component Limited. MBM29F800TA-55PFTN Datasheet HTML 12Page - Fujitsu Component Limited. MBM29F800TA-55PFTN Datasheet HTML 13Page - Fujitsu Component Limited. MBM29F800TA-55PFTN Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
MBM29F800TA-55/-70/-90/MBM29F800BA-55/-70/-90
s FUNCTIONAL DESCRIPTION
Read Mode
The MBM29F800TA/BA has two control functions which must be satisfied in order to obtain data at the outputs.
CE is the power control and should be used for a device selection. OE is the output control and should be used
to gate data to the output pins if a device is selected.
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable
access time (tCE) is the delay from stable addresses and stable CE to valid data at the output pins. The output
enable access time is the delay from the falling edge of OE to valid data at the output pins (Assuming the
addresses have been stable for at least tACC - tCE time).
Standby Mode
There are two ways to implement the standby mode on the MBM29F800TA/BA devices, one using both the CE
and RESET pins; the other via the RESET pin only.
When using both pins, a CMOS standby mode is achieved with CE and RESET inputs both held at VCC ± 0.3 V.
Under this condition the current consumed is less than 5
µA. A TTL standby mode is achieved with CE and
RESET pins held at VIH. Under this condition the current is reduced to approximately 1mA. During Embedded
Algorithm operation, VCC Active current (ICC2) is required even CE = VIH. The device can be read with standard
access time (tCE) from either of these standby modes.
When using the RESET pin only, a CMOS standby mode is achieved with RESET input held at VSS ± 0.3 V
(CE = “H” or “L”). Under this condition the current is consumed is less than 5
µA. A TTL standby mode is achieved
with RESET pin held at VIL, (CE= “H” or “L”). Under this condition the current required is reduced to approximately
1mA. Once the RESET pin is taken high, the device requires 500 ns of wake up time before outputs are valid
for read access.
In the standby mode the outputs are in the high impedance state, independent of the OE input.
Output Disable
With the OE input at a logic high level (VIH), output from the device is disabled. This will cause the output pins
to be in a high impedance state.
Autoselect
The autoselect mode allows the reading out of a binary code from the device and will identify its manufacturer
and type. This mode is intended for use by programming equipment for the purpose of automatically matching
the devices to be programmed with its corresponding programming algorithm. This mode is functional over the
entire temperature range of the device.
To activate this mode, the programming equipment must force VID (11.5 V to 12.5 V) on address pin A9. Two
identifier bytes may then be sequenced from the devices outputs by toggling address A0 from VIL to VIH. All
addresses are don't cares except A0, A1, A6, and A-1 (See Tables 4.1).
The manufacturer and device codes may also be read via the command register, for instances when the
MBM29F800TA/BA is erased or programmed in a system without access to high voltage on the A9 pin. The
command sequence is illustrated in Table 7 (refer to Autoselect Command section).
Byte 0 (A0 = VIL) represents the manufacturer’s code (Fujitsu = 04H) and A0 = VIH represents the device identifier
code (MBM29F800TA = D6H and MBM29F800BA = 58H for
×8 mode; MBM29F800TA = 22D6H and
MBM29F800BA = 2258H for
×16 mode). These two bytes/words are given in the tables 4.1 and 4.2. All identifiers
for manufacturers and device will exhibit odd parity with DQ7 defined as the parity bit. In order to read the proper
device codes when executing the autoselect, A1 must be VIL (See Tables 4.1 and 4.2).


Similar Part No. - MBM29F800TA-55PFTN

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F800TA-55PFTN SPANSION-MBM29F800TA-55PFTN Datasheet
596Kb / 49P
   FLASH MEMORY
More results

Similar Description - MBM29F800TA-55PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL800TA FUJITSU-MBM29DL800TA Datasheet
600Kb / 59P
   8M (1M X 8/512K X 16) BIT
MBM29LV800TA FUJITSU-MBM29LV800TA Datasheet
608Kb / 59P
   8M (1M X 8/512K X 16) BIT
logo
SPANSION
MBM29DL800TA SPANSION-MBM29DL800TA Datasheet
601Kb / 57P
   FLASH MEMORY CMOS 8M (1M x 8 / 512K x 16) BIT
logo
List of Unclassifed Man...
CSR2930800BA ETC-CSR2930800BA Datasheet
475Kb / 50P
   FLASH MEMORY CMOS 8M (1M x 8/512K x 16) BIT
logo
AMIC Technology
LP62S16512A AMICC-LP62S16512A Datasheet
179Kb / 16P
   8M BIT (512K x 16 / 1M x 8) LOW VOLTAGE CMOS SRAM
logo
Macronix International
MX29F8100 MCNIX-MX29F8100 Datasheet
225Kb / 37P
   8M-BIT [1M x 8/512K x 16] CMOS SINGLE VOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29LV800TE FUJITSU-MBM29LV800TE Datasheet
292Kb / 58P
   8M (1M x 8/512 K x 16) BIT
MBM29F080A FUJITSU-MBM29F080A Datasheet
564Kb / 47P
   8M (1M X 8) BIT
MBM29LV008TA FUJITSU-MBM29LV008TA Datasheet
439Kb / 51P
   8M (1M X 8) BIT
MBM29LV080A FUJITSU-MBM29LV080A Datasheet
400Kb / 49P
   8M (1M x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com