Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29LV016T-80 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MBM29LV016T-80
Description  16M (2M x 8) BIT
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV016T-80 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MBM29LV016T-80 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV016T-80 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV016T-80 Datasheet HTML 9Page - Fujitsu Component Limited. MBM29LV016T-80 Datasheet HTML 10Page - Fujitsu Component Limited. MBM29LV016T-80 Datasheet HTML 11Page - Fujitsu Component Limited. MBM29LV016T-80 Datasheet HTML 12Page - Fujitsu Component Limited. MBM29LV016T-80 Datasheet HTML 13Page - Fujitsu Component Limited. MBM29LV016T-80 Datasheet HTML 14Page - Fujitsu Component Limited. MBM29LV016T-80 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11
MBM29LV016T-80/-90/-12/MBM29LV016B-80/-90/-12
The manufacturer and device codes may also be read via the command register, for instances when the
MBM29LV016T/B are erased or programmed in a system without access to high voltage on the A9 pin. The
command sequence is illustrated in Table 6. (Refer to Autoselect Command section.)
Byte 0 (A0 = VIL) represents the manufacture’s code (Fujitsu = 04H) and A0 = VIH represents the device identifier
code (MBM29LV016T = C7H, MBM29LV016B = 4CH). All identifiers for manufactures and device will exhibit odd
parity with DQ7 defined as the parity bit. In order to read the proper device codes when executing the autoselect,
A1 must be VIL. (See Tables 3.1 and 3.2.)
The device code is C7H (for top boot block) or 4CH (for bottom boot block).
In order to determine which sectors are write protected, A1 must be at VIH while running through the sector
addresses; if the selected sector is protected, a logical ‘1’ will be output on DQ0 (DQ0 = 1).
*1: Outputs 01H at protected sector addresses and outputs 00H at unprotected sector addresses.
Table 3.1 MBM29LV016T/B Sector Protection Verify Autoselect Code
Type
A13 to A20
A10
A6
A1
A0
Code (HEX)
Manufacture’s Code
X
VIL
VIL
VIL
VIL
04H
Device Code
MBM29LV016T
X
VIL
VIL
VIL
VIH
C7H
MBM29LV016B
X
VIL
VIL
VIL
VIH
4CH
Sector Protection
Sector
Addresses
VIL
VIL
VIH
VIL
01H*1
Table 3.2 Expanded Autoselect Code Table
Type
Code
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Manufacture’s Code
04H
00000100
Device Code
MBM29LV016T
C7H
1
1
0
00111
MBM29LV016B
4CH
0
1
0
01100
Sector Protection
01H
00000001


Similar Part No. - MBM29LV016T-80

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV017 FUJITSU-MBM29LV017 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29LV017-12 FUJITSU-MBM29LV017-12 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29LV017-12PBT FUJITSU-MBM29LV017-12PBT Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29LV017-12PBT-SF2 FUJITSU-MBM29LV017-12PBT-SF2 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29LV017-12PTN FUJITSU-MBM29LV017-12PTN Datasheet
600Kb / 52P
   16M (2M X 8) BIT
More results

Similar Description - MBM29LV016T-80

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F016A FUJITSU-MBM29F016A Datasheet
458Kb / 43P
   16M (2M X 8) BIT
MBM29F017A FUJITSU-MBM29F017A Datasheet
469Kb / 47P
   16M (2M X 8) BIT
MBM29LV017 FUJITSU-MBM29LV017 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com