Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25CP102Q Datasheet(PDF) 1 Page - Texas Instruments

Part # DS25CP102Q
Description  DS25CP102Q Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre- Emphasis and Receive Equalization
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25CP102Q Datasheet(HTML) 1 Page - Texas Instruments

  DS25CP102Q_14 Datasheet HTML 1Page - Texas Instruments DS25CP102Q_14 Datasheet HTML 2Page - Texas Instruments DS25CP102Q_14 Datasheet HTML 3Page - Texas Instruments DS25CP102Q_14 Datasheet HTML 4Page - Texas Instruments DS25CP102Q_14 Datasheet HTML 5Page - Texas Instruments DS25CP102Q_14 Datasheet HTML 6Page - Texas Instruments DS25CP102Q_14 Datasheet HTML 7Page - Texas Instruments DS25CP102Q_14 Datasheet HTML 8Page - Texas Instruments DS25CP102Q_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DS25CP102Q
www.ti.com
SNLS293E – MAY 2008 – REVISED APRIL 2013
DS25CP102Q Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-
Emphasis and Receive Equalization
Check for Samples: DS25CP102Q
1
FEATURES
DESCRIPTION
The DS25CP102Q is a 3.125 Gbps 2x2 LVDS
2
AECQ-100 Grade 3
crosspoint switch optimized for high-speed signal
DC - 3.125 Gbps Low Jitter, Low Skew, Low
routing and switching over lossy FR-4 printed circuit
Power Operation
board
backplanes
and
balanced
cables.
Fully
Pin Configurable, Fully Differential, Non-
differential signal paths ensure exceptional signal
integrity
and
noise
immunity.
The
non-blocking
Blocking Architecture
architecture allows connections of any input to any
Pin Selectable Transmit Pre-Emphasis and
output or outputs.
Receive Equalization Eliminate Data
Dependant Jitter
The DS25CP102Q features two levels (Off and On)
of transmit pre-emphasis (PE) and two levels (Off and
Wide Input Common Mode Voltage Range
On) of receive equalization (EQ).
Allows DC-coupled Interface to CML and
LVPECL Drivers
Wide input common mode range allows the switch to
accept signals with LVDS, CML and LVPECL levels;
On-Chip 100
Ω Input and Output Termination
the output levels are LVDS. A very small package
Minimizes Insertion and Return Losses,
footprint requires a minimal space on the board while
Reduces Component Count and Minimizes
the flow-through pinout allows easy board layout.
Board Space
Each
differential
input
and
output
is
internally
8 kV ESD on LVDS I/O pins Protects Adjoining
terminated with a 100
Ω resistor to lower device
components
insertion and return losses, reduce component count
and further minimize board space.
Small 4 mm x 4 mm WQFN-16 Space Saving
Package
APPLICATIONS
Automotive Display Applications
Clock and Data Buffering and Muxing
OC-48 / STM-16
SD/HD/3GHD SDI Routers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS25CP102Q_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25CP102Q TI1-DS25CP102Q_13 Datasheet
1Mb / 22P
[Old version datasheet]   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS25CP102Q_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25CP102Q TI1-DS25CP102Q_13 Datasheet
1Mb / 22P
[Old version datasheet]   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q_09 Datasheet
423Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102_14 Datasheet
1Mb / 21P
[Old version datasheet]   DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
[Old version datasheet]   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP104 NSC-DS25CP104_07 Datasheet
540Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A NSC-DS25CP104A Datasheet
600Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com