Electronic Components Datasheet Search |
|
DS25CP152Q Datasheet(PDF) 3 Page - Texas Instruments |
|
DS25CP152Q Datasheet(HTML) 3 Page - Texas Instruments |
3 / 17 page DS25CP152Q www.ti.com SNLS294E – MAY 2008 – REVISED APRIL 2013 Absolute Maximum Ratings (1) (2) Supply Voltage −0.3V to +4V LVCMOS Input Voltage −0.3V to (VCC + 0.3V) LVDS Input Voltage −0.3V to +4V Differential Input Voltage |VID| 1.0V LVDS Output Voltage −0.3V to (VCC + 0.3V) LVDS Differential Output Voltage 0V to 1.0V LVDS Output Short Circuit Current Duration 5 ms Junction Temperature +105°C Storage Temperature Range −65°C to +150°C Lead Temperature Range Soldering (4 sec.) +260°C Maximum Package Power Dissipation at 25°C RGH0016A Package 1.91W Derate RGH0016A Package 23.9 mW/°C above +25°C Package Thermal Resistance θJA +41.8°C/W θJC +6.9°C/W ESD Susceptibility HBM (3) ≥8 kV MM (4) ≥250V CDM (5) ≥1250V (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. (2) If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications. (3) Human Body Model, applicable std. JESD22-A114C (4) Machine Model, applicable std. JESD22-A115-A (5) Field Induced Charge Device Model, applicable std. JESD22-C101-C Recommended Operating Conditions Min Typ Max Units Supply Voltage (VCC) 3.0 3.3 3.6 V Receiver Differential Input Voltage (VID) 0 1 V Operating Free Air Temperature (TA) −40 +25 +85 °C DC Electrical Characteristics Over recommended operating supply and temperature ranges unless otherwise specified. (1) (2) (3) Symbol Parameter Conditions Min Typ Max Units LVCMOS DC SPECIFICATIONS VIH High Level Input Voltage 2.0 VCC V VIL Low Level Input Voltage GND 0.8 V IIH High Level Input Current VIN = 3.6V 40 175 250 μA VCC = 3.6V IIL Low Level Input Current VIN = GND 0 ±10 μA VCC = 3.6V (1) The Electrical Characteristics tables list ensure specifications under the listed Recommended Operating Conditions except as otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not ensured. (2) Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground except VOD and ΔVOD. (3) Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operating Conditions at the time of product characterization and are not ensured. Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: DS25CP152Q |
Similar Part No. - DS25CP152Q |
|
Similar Description - DS25CP152Q |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |