Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CP04 Datasheet(PDF) 10 Page - Texas Instruments

Part # DS90CP04
Description  DS90CP04 1.5 Gbps 4x4 LVDS Crosspoint Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CP04 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS90CP04_14 Datasheet HTML 6Page - Texas Instruments DS90CP04_14 Datasheet HTML 7Page - Texas Instruments DS90CP04_14 Datasheet HTML 8Page - Texas Instruments DS90CP04_14 Datasheet HTML 9Page - Texas Instruments DS90CP04_14 Datasheet HTML 10Page - Texas Instruments DS90CP04_14 Datasheet HTML 11Page - Texas Instruments DS90CP04_14 Datasheet HTML 12Page - Texas Instruments DS90CP04_14 Datasheet HTML 13Page - Texas Instruments DS90CP04_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
IN+
IN-
VOS=1.2V typical
VID
IN-
IN+
50: Scope
Termination
Tek DG2020
Pulse Generator
VOH = VDD
VOL = GND
CSA8000
VDD= 2.50V
VSS= 0.0V
50:
DUT
CL = 15pF
950: resistors provide a 20:1 attenuation
network with CSA8000.
CL is a lumped capacitance placed as
close as possible to the device output.
TRIG
SCLK
SI/SEL1
LOAD
MODE
SCLK
SI/SEL1
LOAD
MODE
CSCLK
CSO
RSCLK
RSO
950:
SEL0
SEL0
50: Scope
Termination
450:
450: resistors provide a 10:1
attenuation network with CSA8000.
DS90CP04
SNLS154I – JANUARY 2002 – REVISED APRIL 2013
www.ti.com
Figure 6. LVCMOS Driver AC Test Circuit (9))
(9)
The LVCMOS input and output AC specifications may also be verified and tested using an input attenuation network instead of a power
splitter.
Parameter Measurement Information
Figure 7. LVDS Signals
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: DS90CP04


Similar Part No. - DS90CP04_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results

Similar Description - DS90CP04_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_15 Datasheet
1Mb / 22P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154 Datasheet
584Kb / 12P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_14 Datasheet
807Kb / 20P
[Old version datasheet]   DS10CP154A 1.5 Gbps 4x4 LVDS Crosspoint Switch
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com