Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CP04 Datasheet(PDF) 1 Page - Texas Instruments

Part # DS90CP04
Description  DS90CP04 1.5 Gbps 4x4 LVDS Crosspoint Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CP04 Datasheet(HTML) 1 Page - Texas Instruments

  DS90CP04_14 Datasheet HTML 1Page - Texas Instruments DS90CP04_14 Datasheet HTML 2Page - Texas Instruments DS90CP04_14 Datasheet HTML 3Page - Texas Instruments DS90CP04_14 Datasheet HTML 4Page - Texas Instruments DS90CP04_14 Datasheet HTML 5Page - Texas Instruments DS90CP04_14 Datasheet HTML 6Page - Texas Instruments DS90CP04_14 Datasheet HTML 7Page - Texas Instruments DS90CP04_14 Datasheet HTML 8Page - Texas Instruments DS90CP04_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
IN1+
IN1-
IN2+
IN2-
IN3+
IN3-
IN4+
IN4-
SCLK
SI/SEL1
EN1
EN2
EN3
EN4
4:1 MUX1
4:1 MUX2
4:1 MUX3
4:1 MUX4
LOAD
MODE
Digital Control
Interface
SEL0
DS90CP04
www.ti.com
SNLS154I – JANUARY 2002 – REVISED APRIL 2013
DS90CP04 1.5 Gbps 4x4 LVDS Crosspoint Switch
Check for Samples: DS90CP04
1
FEATURES
DESCRIPTION
DS90CP04 is a 4x4 digital cross-point switch with
2
DC - 1.5 Gbps Low Jitter, Low Skew Operation
broadside input and output pins for efficient board
Pin and Serial Interface Configurable, Fully
layout. It utilizes Low Voltage Differential Swing
Differential, Non-blocking Architecture
(LVDS)
technology
for
low
power,
high-speed
Wide Input Common Mode Voltage Range
operation. Data paths are fully differential from input
to output for low noise. The non-blocking architecture
Enables Easy Interface to LVDS/LVPECL/2.5V-
allows connections of any input to any output or
CML Drivers
outputs. The switch matrix consists of four differential
TRI-STATE LVDS Outputs
4:1 multiplexes. Each output channel connects to one
Serial Control Interface with Read-back
of the four inputs common to all multiplexers.
Capability
A simple serial control interface or a configuration
Double Register Loading
select port is activated by the state of the MODE pin.
Single +2.5V Supply
When utilizing the serial control interface a single
load
command
will
update
the
new
switch
Small 6x6 mm WQFN-32 Space Saving
configuration for all outputs simultaneously.
Package
Fabricated with Advanced CMOS Process
Technology
Functional Block Diagrams
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90CP04_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results

Similar Description - DS90CP04_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_15 Datasheet
1Mb / 22P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154 Datasheet
584Kb / 12P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_14 Datasheet
807Kb / 20P
[Old version datasheet]   DS10CP154A 1.5 Gbps 4x4 LVDS Crosspoint Switch
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com