Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29LV002TC Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MBM29LV002TC
Description  2M (256K x 8) BIT
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV002TC Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MBM29LV002TC Datasheet HTML 1Page - Fujitsu Component Limited. MBM29LV002TC Datasheet HTML 2Page - Fujitsu Component Limited. MBM29LV002TC Datasheet HTML 3Page - Fujitsu Component Limited. MBM29LV002TC Datasheet HTML 4Page - Fujitsu Component Limited. MBM29LV002TC Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV002TC Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV002TC Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV002TC Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV002TC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
DS05-20863-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
2M (256K
× 8) BIT
MBM29LV002TC-70/-90/-12/MBM29LV002BC-70/-90/-12
s FEATURES
• Single 3.0 V read, program, and erase
Minimizes system level power requirements
• Compatible with JEDEC-standard commands
Uses same software commands as E2PROMs
• Compatible with JEDEC-standard world-wide pinouts
40-pin TSOP(I) (Package suffix: PTN – Normal Bend Type, PTR – Reversed Bend Type)
40-pin SON (Package suffix: PNS)
• Minimum 100,000 program/erase cycles
• High performance
70 ns maximum access time
• Sector erase architecture
One 16K byte, two 8K bytes, one 32K byte, and three 64K bytes
Any combination of sectors can be concurrently erased. Also supports full chip erase
• Boot Code Sector Architecture
T = Top sector
B = Bottom sector
• Embedded EraseTM Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switch themselves to low power mode
•Low VCC write inhibit
≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read data in another sector within the same device
• Sector protection
Hardware method disables any combination of sectors from program or erase operations
• Sector Protection Set function by Extended sector protection command
• Temporary sector unprotection
Temporary sector unprotection via the RESET pin
Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29LV002TC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV001BC FUJITSU-MBM29LV001BC Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55 FUJITSU-MBM29LV001BC-55 Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55PD FUJITSU-MBM29LV001BC-55PD Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55PFTN FUJITSU-MBM29LV001BC-55PFTN Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55PFTR FUJITSU-MBM29LV001BC-55PFTR Datasheet
421Kb / 49P
   1M (128K x 8) BIT
More results

Similar Description - MBM29LV002TC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29F200TC FUJITSU-MBM29F200TC Datasheet
508Kb / 48P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com